Electronic Components Datasheet Search
  English  ▼

X  

LTC1544 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1544
Description  Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1544 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1544 Datasheet HTML 12Page - Linear Technology LTC1544 Datasheet HTML 13Page - Linear Technology LTC1544 Datasheet HTML 14Page - Linear Technology LTC1544 Datasheet HTML 15Page - Linear Technology LTC1544 Datasheet HTML 16Page - Linear Technology LTC1544 Datasheet HTML 17Page - Linear Technology LTC1544 Datasheet HTML 18Page - Linear Technology LTC1544 Datasheet HTML 19Page - Linear Technology LTC1544 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1544
Figure 23. Controller-Selectable DCE Port with DB-25 Connector
D2
D1
LTC1544
CTS
DSR
DTR
DCD
RTS
D3
R2
R1
R4
R3
D2
LTC1543
LL
RXD
RXC
TXC
SCTE
TXD
M0
M1
M2
DCE/DTE
VCC
VDD
VCC
VEE
GND
3
16
17
9
15
12
24
11
2
1
5
13
6
8
22
10
20
23
4
19
18
7
14
1544 F23
D3
R2
R1
R3
D1
C2
1
µF
C1
1
µF
C5
1
µF
C3
1
µF
C4
3.3
µF
RXD A (104)
RXD B
RXC A (115)
RXC B
SCTE A (113)
SCTE B
TXD A (103)
TXD B
CTS A (106)
CTS B
DSR A (107)
DSR B
RTS A (105)
RTS B
LL A (141)
SGND (102)
SHIELD (101)
DB-25 FEMALE
CONNECTOR
TXC A (114)
TXC B
DCD A (109)
DCD B
DTR A (108)
DTR B
D4
16
10
9
7
6
4
3
8
11
12
13
5
2
15 18 17 19 20 22
LTC1344A
C6
100pF
C7
100pF
C8
100pF
VCC
VCC
VCC
5V
23 24
14
1
CHARGE
PUMP
28
3
1
2
4
5
6
7
8
9
10
NC
11
12
13
14
1
2
3
4
5
6
7
8
10
9
INVERT
15
16
17
18
19
20
21
22
23
24
25
NC
NC
27
26
25
24
23
22
21
20
19
18
17
16
15
26
27
28
VEE
M0
M1
M2
DCE/DTE
M2
M1
M0
11
12
13
14
21
LATCH
C12
1
µF
C13
1
µF
C11
1
µF
C10
1
µF
C9
1
µF
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com