Electronic Components Datasheet Search
  English  ▼

X  

LTC1544 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1544
Description  Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1544 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1544 Datasheet HTML 12Page - Linear Technology LTC1544 Datasheet HTML 13Page - Linear Technology LTC1544 Datasheet HTML 14Page - Linear Technology LTC1544 Datasheet HTML 15Page - Linear Technology LTC1544 Datasheet HTML 16Page - Linear Technology LTC1544 Datasheet HTML 17Page - Linear Technology LTC1544 Datasheet HTML 18Page - Linear Technology LTC1544 Datasheet HTML 19Page - Linear Technology LTC1544 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1544
Figure 25. Controller-Selectable Multiprotocol DTE/DCE Port with RL, LL, TM and DB-25 Connector
D2
D1
LTC1544
D3
R2
R1
R4
R3
D2
LTC1343
DTE_LL/DCE_TM
DTE_TXC/DCE_TXC
DTE_RXC/DCE_SCTE
DTE_RXD/DCE_TXD
DTE_TM/DCE_LL
DTE_RTS/DCE_CTS
DTE_DTR/DCE_DSR
DTE_DCD/DCE_DCD
DTE_DSR/DCE_DTR
DTE_CTS/DCE_RTS
DTE_RL/DCE_RL
DTE_TXD/DCE_RXD
DTE_SCTE/DCE_RXC
CTRL
LATCH
INVERT
423SET
GND
DCE
M2
M1
M0
EC
VCC
VDD
VCC
VEE
GND
2
18
14
24
11
15
12
17
9
3
1
4
19
20
8
23
10
6
22
5
13
21
7
16
25
1544 F25
D3
D4
R2
R3
R4
D1
C2
1
µF
C1
1
µF
C5
1
µF
C3
1
µF
C4
3.3
µF
LL A
TXD A
TXD B
SCTE A
SCTE B
TM A
RXD A
RXD B
RXC A
RXC B
RXC A
RXC B
RXD A
RXD B
RTS A
RTS B
DTR A
DTR B
CTS A
CTS B
DSR A
DSR B
CTS A
CTS B
RL A
SG
SHIELD
DB-25
CONNECTOR
TXC A
TXC B
SCTE A
SCTE B
TXD A
TXD B
TXC A
TXC B
DCD A
DCD B
DSR A
DSR B
RTS A
RTS B
RL A
DCD A
DCD B
DTR A
DTR B
D4
16
10
9
7
6
4
3
8
11
12
13
5
2
15 18 17 19 20 22
LTC1344A
C6
100pF
C7
100pF
C8
100pF
VCC
VCC
5V
23 24
14
1
CHARGE
PUMP
44
3
1
2
4
5
8
6
7
9
10
12
13
14
15
16
20
22
11
1
R1
100k
2
3
4
5
6
7
8
10
9
INVERT
15
16
17
18
19
20
21
22
23
24
25
NC
43
42
41
39
38
37
36
35
34
33
32
31
30
29
28
27
26
21
19
18
17
24
26
27
28
VEE
M0
M1
M2
DCE/DTE
DCE/DTE
M2
M1
M0
11
12
13
14
DTE
DCE
R1
25
40
23
VCC
LB
LB
TM A
LL A
21
LATCH
C12
1
µF
C13
1
µF
C11
1
µF
C10
1
µF
C9
1
µF
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com