Electronic Components Datasheet Search
  English  ▼

X  

LTC1544 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1544
Description  Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1544 Datasheet(HTML) 3 Page - Linear Technology

  LTC1544 Datasheet HTML 1Page - Linear Technology LTC1544 Datasheet HTML 2Page - Linear Technology LTC1544 Datasheet HTML 3Page - Linear Technology LTC1544 Datasheet HTML 4Page - Linear Technology LTC1544 Datasheet HTML 5Page - Linear Technology LTC1544 Datasheet HTML 6Page - Linear Technology LTC1544 Datasheet HTML 7Page - Linear Technology LTC1544 Datasheet HTML 8Page - Linear Technology LTC1544 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1544
The q denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C. VCC = 5V, VDD = 8V, VEE = – 7V for V.28, – 5.5V for V.10, V.11 (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Inputs and Outputs
VIH
Logic Input High Voltage
q
2V
VIL
Logic Input Low Voltage
q
0.8
V
IIN
Logic Input Current
D1, D2, D3, D4
q
±10
µA
M0, M1, M2, DCE, INVERT = GND (LTC1544C)
q
– 100
– 50
– 30
µA
M0, M1, M2, DCE, INVERT = GND (LTC1544I)
q
– 120
– 50
– 30
µA
M0, M1, M2, DCE, INVERT = VCC
q
±10
µA
VOH
Output High Voltage
IO = – 4mA
q
3
4.5
V
VOL
Output Low Voltage
IO = 4mA
q
0.3
0.8
V
IOSR
Output Short-Circuit Current
0V
≤ VO ≤ VCC
q
–50
40
50
mA
IOZR
Three-State Output Current
M0 = M1 = M2 = VCC, 0V ≤ VO ≤ VCC
±1
µA
V.11 Driver
VODO
Open Circuit Differential Output Voltage
RL = 1.95k (Figure 1)
q
±5V
VODL
Loaded Differential Output Voltage
RL = 50Ω (Figure 1)
0.5VODO
0.67VODO
V
RL = 50Ω (Figure 1)
q
±2V
∆VOD
Change in Magnitude of Differential
RL = 50Ω (Figure 1)
q
0.2
V
Output Voltage
VOC
Common Mode Output Voltage
RL = 50Ω (Figure 1)
q
3V
∆VOC
Change in Magnitude of Common Mode
RL = 50Ω (Figure 1)
q
0.2
V
Output Voltage
ISS
Short-Circuit Current
VOUT = GND
±150
mA
IOZ
Output Leakage Current
– 0.25V
≤ VO ≤ 0.25V, Power Off or
q
± 1
±100
µA
No-Cable Mode or Driver Disabled
tr, tf
Rise or Fall Time
LTC1544C (Figures 2, 5)
q
215
25
ns
LTC1544I (Figures 2, 5)
q
215
35
ns
tPLH
Input to Output
LTC1544C (Figures 2, 5)
q
20
40
65
ns
LTC1544I (Figures 2, 5)
q
20
40
75
ns
tPHL
Input to Output
LTC1544C (Figures 2, 5)
q
20
40
65
ns
LTC1544I (Figures 2, 5)
q
20
40
75
ns
∆t
Input to Output Difference,
tPLH – tPHL
LTC1544C (Figures 2, 5)
q
03
12
ns
LTC1544I (Figures 2, 5)
q
03
17
ns
tSKEW
Output to Output Skew
(Figures 2, 5)
3
ns
V.11 Receiver
VTH
Input Threshold Voltage
– 7V
≤ VCM ≤ 7V
q
– 0.2
0.2
V
∆VTH
Input Hysteresis
– 7V
≤ VCM ≤ 7V
q
15
40
mV
IIN
Input Current (A, B)
– 10V
≤ VA,B ≤ 10V
q
±0.66
mA
RIN
Input Impedance
– 10V
≤ VA,B ≤ 10V
q
15
30
k
Ω
tr, tf
Rise or Fall Time
(Figures 2, 6)
15
ns
tPLH
Input to Output
LTC1544C (Figures 2, 6)
q
50
80
ns
LTC1544I (Figures 2, 6)
q
50
90
ns
tPHL
Input to Output
LTC1544C (Figures 2, 6)
q
50
80
ns
LTC1544I (Figures 2, 6)
q
50
90
ns
∆t
Input to Output Difference,
tPLH – tPHL
LTC1544C (Figures 2, 6)
q
04
16
ns
LTC1544I (Figures 2, 6)
q
04
21
ns
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com