Electronic Components Datasheet Search
  English  ▼

X  

LTC1546 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1546
Description  Software-Selectable Multiprotocol Transceiver with Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1546 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1546 Datasheet HTML 12Page - Linear Technology LTC1546 Datasheet HTML 13Page - Linear Technology LTC1546 Datasheet HTML 14Page - Linear Technology LTC1546 Datasheet HTML 15Page - Linear Technology LTC1546 Datasheet HTML 16Page - Linear Technology LTC1546 Datasheet HTML 17Page - Linear Technology LTC1546 Datasheet HTML 18Page - Linear Technology LTC1546 Datasheet HTML 19Page - Linear Technology LTC1546 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1546
Figure 30. Controller-Selectable DCE Port with DB-25 Connector
D2
D1
LTC1544
CTS
NC
DSR
DTR
DCD
RTS
D3
R2
R1
R4
R3
LTC1546
LL
RXD
RXC
TXC
SCTE
TXD
M0
M1
M2
DCE/DTE
VCC
VDD
VCC
VEE
GND
3
16
17
9
15
12
24
11
2
1
5
13
6
8
22
10
20
23
4
19
18
7
14
1546 F30
C2
1
µF
C1
1
µF
C5
1
µF
C3
1
µF
C4
3.3
µF
RXC B
CTS A (106)
CTS B
DSR A (107)
DSR B
RTS A (105)
RTS B
LL A (141)
SGND (102)
SHIELD (101)
DB-25 FEMALE
CONNECTOR
DCD A (109)
DCD B
DTR A (108)
DTR B
D4
VCC
5V
CHARGE
PUMP
28
3
1
2
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
10
9
INVERT
NC
15
16
17
18
19
20
21
22
23
24
25
NC
27
26
25
24
23
22
21
20
19
18
17
16
15
26
27
28
C11
1
µF
C10
1
µF
C9
1
µF
M0
M1
M2
DCE/DTE
M0
M1
M2
11
12
13
14
D1
T
T
T
T
T
D2
D3
R1
R2
R3
RXD A (104)
RXD B
TXC A (114)
SCTE A (113)
TXD A (103)
TXC B
SCTE B
TXD B
RXC A (115)
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com