Electronic Components Datasheet Search
  English  ▼

X  

LTC1546 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1546
Description  Software-Selectable Multiprotocol Transceiver with Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1546 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1546 Datasheet HTML 2Page - Linear Technology LTC1546 Datasheet HTML 3Page - Linear Technology LTC1546 Datasheet HTML 4Page - Linear Technology LTC1546 Datasheet HTML 5Page - Linear Technology LTC1546 Datasheet HTML 6Page - Linear Technology LTC1546 Datasheet HTML 7Page - Linear Technology LTC1546 Datasheet HTML 8Page - Linear Technology LTC1546 Datasheet HTML 9Page - Linear Technology LTC1546 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1546
BLOCK DIAGRA
PI FU CTIO S
R3 B (Pin 15): Receiver 3 Noninverting Input.
R3 A (Pin 16): Receiver 3 Inverting Input.
R2 B (Pin 17): Receiver 2 Noninverting Input.
R2 A (Pin 18): Receiver 2 Inverting Input.
D3/R1 B (Pin 19): Receiver 1 Noninverting Input and
Driver 3 Noninverting Output.
D3/R1 A (Pin 20): Receiver 1 Inverting Input and Driver 3
Inverting Output.
D2 B (Pin 21): Driver 2 Noninverting Output.
D2 A (Pin 22): Driver 2 Inverting Output.
D1 B (Pin 23): Driver 1 Noninverting Output.
D1 A (Pin 24): Driver 1 Inverting Output.
GND (Pin 25): Ground.
VEE (Pin 26): Negative Supply Voltage. Connect a 3.3µF
capacitor to GND.
C2 – (Pin 27): Capacitor C2 Negative Terminal. Connect a
1
µF capacitor between C2+ and C2–.
C2 + (Pin 28): Capacitor C2 Positive Terminal. Connect a
1
µF capacitor between C2+ and C2–.
C1–
C1+
VDD
VCC
C1–
C1+
VDD
VCC
C2+
C2–
VEE
GND
C2+
C2–
VEE
GND
CHARGE PUMP
D1
D1A
50
Ω
125
Ω
50
Ω
S1
S2
D1B
D1
D2
D2A
50
Ω
125
Ω
50
Ω
S1
S2
D2B
S3
S2
20k
20k
20k
20k
125
Ω
S2
S3
125
Ω
10k
6k
S1
51.5
Ω
D3/R1 A
D3/R1 B
51.5
Ω
10k
10k
10k
51.5
Ω
R2A
R2B
51.5
Ω
D2
D3
DCE/DTE
R1
D3
R1
R2
R2
6k
20k
20k
S2
S3
125
Ω
10k
10k
51.5
Ω
R3A
R3B
1546 BD
51.5
Ω
R3
R3
6k
28
1
2
3
4
5
6
7
14
8
9
10
27
26
25
24
23
22
21
20
19
18
17
16
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com