Electronic Components Datasheet Search
  English  ▼

X  

LTC1546 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1546
Description  Software-Selectable Multiprotocol Transceiver with Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1546 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1546 Datasheet HTML 3Page - Linear Technology LTC1546 Datasheet HTML 4Page - Linear Technology LTC1546 Datasheet HTML 5Page - Linear Technology LTC1546 Datasheet HTML 6Page - Linear Technology LTC1546 Datasheet HTML 7Page - Linear Technology LTC1546 Datasheet HTML 8Page - Linear Technology LTC1546 Datasheet HTML 9Page - Linear Technology LTC1546 Datasheet HTML 10Page - Linear Technology LTC1546 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1546
Figure 1. V.11 Driver DC Test Circuit
Figure 2. V.11 Driver AC Test Circuit
Figure 4. V.11, V.35 Receiver AC Test Circuit
Figure 3. Input Impedance Test Circuit
1546 F01
VOD
VOC
RL
RL
A
B
D
A
B
D
1546 F02
RL
100
Ω
CL
100pF
CL
100pF
R
1546 F03
VCM = ±7V
B
IB
A
+
–
IA
2(VB – VA)
IB – IA
RIN =
A
B
1546 F04
R
CL
Figure 5. V.35 Driver Open-Circuit Test
1546 F05
VOD
VOC
RL
50
Ω
VOB
VOA
125
Ω
50
Ω
RL
1546 F06
50
Ω
VOB
VOA
125
Ω
125
Ω
50
Ω
50
Ω
50
Ω
VCM
Figure 6. V.35 Driver Test Circuit
1546 F07
50
Ω
125
Ω
50
Ω
VCM = ±2V
+
–
1546 F08
50
Ω
50
Ω
125
Ω
125
Ω
50
Ω
50
Ω
1546 F09
VTH
VCM
+
–
+
–
R
Figure 7. V.35 Driver Common Mode
Impedance Test Circuit
Figure 8. V.35 Driver AC Test Circuit
Figure 9. V.35 Receiver DC Test Circuit
1546 F10
51.5
Ω
125
Ω
51.5
Ω
VCM = ± 2V +
–
Figure 10. Receiver Common Mode
Impedance Test Circuit
A
D
1546 F11
RL
CL
R
A
1546 F12
CL
VA
Figure 11. V.28 Driver Test Circuit
Figure 12. V.28 Receiver Test Circuit
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com