Electronic Components Datasheet Search
  English  ▼

X  

LTC1574CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1574CS
Description  High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1574CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1574CS Datasheet HTML 1Page - Linear Technology LTC1574CS Datasheet HTML 2Page - Linear Technology LTC1574CS Datasheet HTML 3Page - Linear Technology LTC1574CS Datasheet HTML 4Page - Linear Technology LTC1574CS Datasheet HTML 5Page - Linear Technology LTC1574CS Datasheet HTML 6Page - Linear Technology LTC1574CS Datasheet HTML 7Page - Linear Technology LTC1574CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1574
LTC1574-3.3/LTC1574-5
High Efficiency Step-Down
DC/DC Converters
with Internal Schottky Diode
The LTC
®1574 is a family of easy-to-use current mode
DC/DC converters ideally suited for 9V to 5V, 5V to 3.3V
and inverting operation. With an internal 0.9
Ω switch (at
a supply voltage of 12V) and a low forward drop Schottky
diode (0.450V typ at 200mA, TA = 25°C), the LTC1574
requires only three external components to construct a
complete high efficiency DC/DC converter.
Under no load condition, the LTC1574 draws only 130
µA.
In shutdown, it draws a mere 2
µA making this converter
ideal for battery-powered applications. In dropout, the
internal P-channel MOSFET switch is turned on continu-
ously allowing the user to maximize the life of the battery
source.
The maximum inductor current of the LTC1574 family is
pin selectable to either 340mA or 600mA, optimizing
efficiency for a wide range of applications. Operation up to
200kHz permits the use of small surface mount inductors
and capacitors.
For applications requiring higher output current or ultra-
high efficiency, see the LTC1148 and LTC1265 data sheets.
For detailed applications information, see the LTC1174
data sheet.
DESCRIPTION
FEATURES
High Efficiency Step-Down Converter
TYPICAL APPLICATION
+
VIN
100
µH†
22
µF*
35V
+
100
µF*
10V
1574 TA01
5V
175mA
5
2, 4, 13, 15
7
10
3, 14
12
11
6
VIN
5.5V to
16V
GND
LTC1574-5
LBIN
LBOUT
IPGM
SHDN
VOUT
SW
* AVX TPSD226K035
** AVX TPSD107K010
† COILTRONICS CTX100-4
LTC1574-5 Efficiency
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
10
100
1574 TA02
200
VIN = 6V
VIN = 9V
L = 100
µH
VOUT = 5V
IPGM = 0V
APPLICATIONS
and LTC are registered trademarks and LT is a trademark of Linear Technology Corporation.
s
Inverting Converters
s
Step-Down Converters
s
Memory Backup Supply
s
Portable Instruments
s
Battery-Powered Equipment
s
Distributed Power Systems
s
High Efficiency: Up to 94%
s
Usable in Noise-Sensitive Products
s
Peak Inductor Current Independent of Inductor Value
s
Short-Circuit Protection
s
Internal Low Forward Drop Schottky Diode
s
Only Three External Components Required
s
Wide VIN Range: 4V to 18.5V (Absolute Maximum)
s
Low Dropout Operation
s
Low-Battery Detector
s
Pin Selectable Current Limit
s
Internal 0.9
Ω Power Switch: VIN = 12V
s
Standby Current: 130
µA
s
Active Low Micropower Shutdown


Similar Part No. - LTC1574CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1574CS LINER-LTC1574CS Datasheet
182Kb / 8P
High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574CS-3.3 LINER-LTC1574CS-3.3 Datasheet
182Kb / 8P
High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574CS-5 LINER-LTC1574CS-5 Datasheet
182Kb / 8P
High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
More results

Similar Description - LTC1574CS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
logo
Linear Technology
LTC1503-1.8 LINER-LTC1503-1.8 Datasheet
196Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
LTC1574 LINER-LTC1574_1 Datasheet
182Kb / 8P
High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574 LINER-LTC1574_15 Datasheet
188Kb / 8P
High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574-3.3 LINER-LTC1574-3.3_15 Datasheet
188Kb / 8P
High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574-5 LINER-LTC1574-5_15 Datasheet
188Kb / 8P
High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1503-1.8 LINER-LTC1503-1.8_15 Datasheet
202Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-2 LINER-LTC1503-2_15 Datasheet
202Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX18066 MAXIM-MAX18066 Datasheet
1Mb / 22P
High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
MAX15066 MAXIM-MAX15066 Datasheet
1Mb / 21P
High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-5224; Rev 5; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com