Electronic Components Datasheet Search
  English  ▼

X  

LTC1574CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1574CS
Description  High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1574CS Datasheet(HTML) 7 Page - Linear Technology

  LTC1574CS Datasheet HTML 1Page - Linear Technology LTC1574CS Datasheet HTML 2Page - Linear Technology LTC1574CS Datasheet HTML 3Page - Linear Technology LTC1574CS Datasheet HTML 4Page - Linear Technology LTC1574CS Datasheet HTML 5Page - Linear Technology LTC1574CS Datasheet HTML 6Page - Linear Technology LTC1574CS Datasheet HTML 7Page - Linear Technology LTC1574CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1574
LTC1574-3.3/LTC1574-5
Low Dropout 5V Step-Down Regulator with Low-Battery Detection
Positive to –5V Converter
High Efficiency 3.3V Regulator
VIN
5
2, 4, 13, 15
6
11
12
7
10
3, 14
L1
100
µH†
0.1
µF
47
µF**
16V
× 2
1574 TA04
VOUT
5V
365mA
*LOW-
BATTERY
INDICATOR
4.7k
162k
47.5k
VIN
5.5V to 12.5V
GND
LTC1574-5
IPGM
LBOUT
LBIN
SHDN
VOUT
SW
+
47
µF**
16V
× 2
+
* LOW-BATTERY INDICATOR IS
SET UP TO TRIP AT V IN = 5.5V
** AVX TPSD476K016
† SELECTION
MANUFACTURER
PART NO.
TYPE
COILTRONICS
CTX100-4
SURFACE MOUNT
SUMIDA
CD75-101
SURFACE MOUNT
GOWANDA
GA10-103K
THROUGH HOLE
VIN
5
2, 4, 13, 15
6
11
12
7
10
3, 14
L1†
50
µH
0.1
µF
1574 TA06
VOUT
–5V
*LOW-
BATTERY
INDICATOR
4.7k
280k
43k
VIN
4V TO 12.5V
GND
LTC1574-5
IPGM
LBOUT
LBIN
SHDN
VOUT
SW
+
100
µF***
10V
+
* LOW-BATTERY INDICATOR IS
SET TO TRIP AT V IN = 4.4V
** AVX TPSD106K035
*** AVX TPSD107K010
† SELECTION
MANUFACTURER PART NO.
TYPE
COILTRONICS
CTX50-3
SURFACE MOUNT
COILCRAFT
DT3316-473 SURFACE MOUNT
SUMIDA
CD54-470
SURFACE MOUNT
GOWANDA
GA10-472K THROUGH HOLE
10
µF**
35V
× 2
V IN (V) I OUT (mA)
4
110
6
140
8
170
10
200
12.5
235
TYPICAL APPLICATIONS
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
VIN
5
2, 4, 13, 15
6
12
11
7
10
3, 14
50
µH†
0.1
µF
22
µF*
25V
× 2
1574 TA05
VOUT
3.3V
425mA
VIN
4V TO 12.5V
GND
LTC1574-3.3
IPGM
LBIN
LBOUT
SHDN
VOUT
SW
* AVX TPSD226K025
** AVX TPSD476K016
† COILTRONICS CTX50-4
+
47
µF*
16V
× 2
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com