Electronic Components Datasheet Search
  English  ▼

X  

LTC1574CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1574CS
Description  High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1574CS Datasheet(HTML) 6 Page - Linear Technology

  LTC1574CS Datasheet HTML 1Page - Linear Technology LTC1574CS Datasheet HTML 2Page - Linear Technology LTC1574CS Datasheet HTML 3Page - Linear Technology LTC1574CS Datasheet HTML 4Page - Linear Technology LTC1574CS Datasheet HTML 5Page - Linear Technology LTC1574CS Datasheet HTML 6Page - Linear Technology LTC1574CS Datasheet HTML 7Page - Linear Technology LTC1574CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1574
LTC1574-3.3/LTC1574-5
APPLICATIONS INFORMATION
I
VV
L
RIPPLE
OUT
D
=×
+

 ()
−
410
6
AP-P
Solving for L in the above equation and with VD = 0.5V,
L = 44
µH. The next higher standard value of L is 50µH
(example: Coiltronics CTX50-4). The operating frequency,
ignoring voltage across diode VD is:
f
V
V
kHz
OUT
IN
≈×
−


=
2 5 10 1
111
5
.
With the value of L determined, the requirements for CIN
and COUT are calculated. For CIN, its RMS current rating
should be at least:
I
IV
V
V
V
A
mA
RMS
OUT
OUT
IN
OUT
IN
RMS
=
−
()
[] ()
=
12
174
/
For COUT, the RMS current rating should be at least:
I
I
A
RMS
PEAK
RMS
≈
()
=
2
300mA
TYPICAL APPLICATIONS
Low Noise, High Efficiency 3.3V Regulator
VIN
5
100pF
2, 4, 13, 15
6
12
11
7
10
3, 14
50
µH†
0.1
µF
6.8nF
22
µF*
25V
× 2
1574 TA03
VOUT
3.3V
450mA
56k
33k
VIN
4V TO 12.5V
GND
LTC1574
IPGM
LBIN
LBOUT
SHDN
VFB
SW
* AVX TPSD226K025
** AVX TPSD107K010
† COILTRONICS CTX50-4
+
+
100
µF**
10V
× 2
inductor L1 is chosen for its excellent self-shielding prop-
erties. Open magnetic structures such as drum and rod
cores are to be avoided since they inject high flux levels
into their surroundings. This can become a major source
of noise in any converter circuit.
Design Example
As a design example, assume VIN = 9V (nominal),
VOUT = 5V and IOUT = 350mA maximum. The LTC1574-5
is used for this application with IPGM (Pin 6) connected to
VIN. The minimum value of L is determined by assuming
the LTC1574-5 is operating in continuous mode.
TIME
IPEAK
IV
AVG CURRENT = IOUT
=
= 350mA
IPEAK + IV
2
1574 • F06
Figure 6. Continuous Inductor Current
With IOUT = 350mA and IPEAK = 0.6A (IPGM = VIN), IV = 0.1A.
The peak-to-peak ripple inductor current, IRIPPLE, is 0.5A
and is also equal to:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com