Electronic Components Datasheet Search
  English  ▼

X  

LTC1604C Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1604C
Description  High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1604C Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1604C Datasheet HTML 9Page - Linear Technology LTC1604C Datasheet HTML 10Page - Linear Technology LTC1604C Datasheet HTML 11Page - Linear Technology LTC1604C Datasheet HTML 12Page - Linear Technology LTC1604C Datasheet HTML 13Page - Linear Technology LTC1604C Datasheet HTML 14Page - Linear Technology LTC1604C Datasheet HTML 15Page - Linear Technology LTC1604C Datasheet HTML 16Page - Linear Technology LTC1604C Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1604
APPLICATIONS INFORMATION
LTC1604
AIN
+
AIN
–
VREF
REFCOMP
AGND
1604 F11
1
2
3
4
5
47
µF
3000pF
100
Ω
ANALOG INPUT
Figure 11. RC Input Filter
Input Range
The
±2.5V input range of the LTC1604 is optimized for low
noise and low distortion. Most op amps also perform well
over this same range, allowing direct coupling to the
analog inputs and eliminating the need for special transla-
tion circuitry.
Some applications may require other input ranges. The
LTC1604 differential inputs and reference circuitry can
accommodate other input ranges often with little or no
additional circuitry. The following sections describe the
reference and input circuitry and how they affect the input
range.
Internal Reference
The LTC1604 has an on-chip, temperature compensated,
curvature corrected, bandgap reference that is factory
trimmed to 2.500V. It is connected internally to a reference
amplifier and is available at VREF (Pin 3) (see Figure 12a).
A 7.5k resistor is in series with the output so that it can be
easily overdriven by an external reference or other
circuitry (see Figure 12b). The reference amplifier gains
the voltage at the VREF pin by 1.75 to create the required
internal reference voltage. This provides buffering
between the VREF pin and the high speed capacitive DAC.
The reference amplifier compensation pin (REFCOMP, Pin
4) must be bypassed with a capacitor to ground. The
reference amplifier is stable with capacitors of 22
µF or
greater. For the best noise performance a 47
µF ceramic or
47
µF tantalum in parallel with a 0.1µF ceramic is recom-
mended.
R2
12k
R3
16k
REFERENCE
AMP
47
µF
REFCOMP
AGND
VREF
R1
7.5k
3
4
5
2.500V
4.375V
LTC1604
1604 F12a
BANDGAP
REFERENCE
Figure 12a. LTC1604 Reference Circuit
1
2
3
0.1
µF
10
µF
ANALOG
INPUT
1604 F12b
LT1019A-2.5
VOUT
VIN
5V
AIN
+
AIN
–
VREF
LTC1604
AGND
REFCOMP
5
4
+
Figure 12b. Using the LT1019-2.5 as an External Reference
The VREF pin can be driven with a DAC or other means
shown in Figure 13. This is useful in applications where the
peak input signal amplitude may vary. The input span of
the ADC can then be adjusted to match the peak input
signal, maximizing the signal-to-noise ratio. The filtering
of the internal LTC1604 reference amplifier will limit
the bandwidth and settling time of this circuit. A settling
time of 20ms should be allowed for after a reference
adjustment.
Differential Inputs
The LTC1604 has a unique differential sample-and-hold
circuit that allows rail-to-rail inputs. The ADC will always
convert the difference of AIN
+ – AIN– independent of the
common mode voltage (see Figure 15a). The common
mode rejection holds up to extremely high frequencies
(see Figure 14a). The only requirement is that both inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com