Electronic Components Datasheet Search
  English  ▼

X  

LTC1604C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1604C
Description  High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1604C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1604C Datasheet HTML 12Page - Linear Technology LTC1604C Datasheet HTML 13Page - Linear Technology LTC1604C Datasheet HTML 14Page - Linear Technology LTC1604C Datasheet HTML 15Page - Linear Technology LTC1604C Datasheet HTML 16Page - Linear Technology LTC1604C Datasheet HTML 17Page - Linear Technology LTC1604C Datasheet HTML 18Page - Linear Technology LTC1604C Datasheet HTML 19Page - Linear Technology LTC1604C Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1604
APPLICATIONS INFORMATION
Signal-to-Noise Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
components at the A/D output. The output is band limited
to frequencies from above DC and below half the sampling
frequency. Figure 18a shows a typical spectral content
with a 333kHz sampling rate and a 5kHz input. The
dynamic performance is excellent for input frequencies up
to and beyond the Nyquist limit of 167kHz.
Effective Number of Bits
The effective number of bits (ENOBs) is a measurement of
the resolution of an ADC and is directly related to the
S/(N + D) by the equation:
N = [S/(N + D) – 1.76]/6.02
where N is the effective number of bits of resolution and
S/(N + D) is expressed in dB. At the maximum sampling
rate of 333kHz the LTC1604 maintains above 14 bits up to
the Nyquist input frequency of 167kHz (refer to Figure 19).
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD is
expressed as:
THD
Log
VVV
Vn
V
=
++
+
20
23
4
1
22
2
2
...
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through Vn are the amplitudes of the
second through nth harmonics. THD vs Input Frequency is
shown in Figure 20. The LTC1604 has good distortion
performance up to the Nyquist frequency and beyond.
FREQUENCY (kHz)
–60
–40
–20
1604 F18b
–80
–100
–120
–140
0
060
20
40
80 100 120 140 160
fSAMPLE = 333kHz
fIN = 97.152kHz
SINAD = 89dB
THD = –96dB
FREQUENCY (Hz)
1k
16
15
14
13
12
11
10
9
8
98
92
86
80
74
68
62
56
50
10k
100k
1M
1604 F19
Figure 18b. Even with Inputs at 100kHz, the LTC1604’s
Dynamic Linearity Remains Robust
INPUT FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
1604 G04
1k
10k
100k
1M
THD
3RD
2ND
Figure 20. Distortion vs Input Frequency
Figure 19. Effective Bits and Signal/(Noise + Distortion)
vs Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com