Electronic Components Datasheet Search
  English  ▼

X  

LTC1629 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1629
Description  PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1629 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1629 Datasheet HTML 12Page - Linear Technology LTC1629 Datasheet HTML 13Page - Linear Technology LTC1629 Datasheet HTML 14Page - Linear Technology LTC1629 Datasheet HTML 15Page - Linear Technology LTC1629 Datasheet HTML 16Page - Linear Technology LTC1629 Datasheet HTML 17Page - Linear Technology LTC1629 Datasheet HTML 18Page - Linear Technology LTC1629 Datasheet HTML 19Page - Linear Technology LTC1629 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC1629/LTC1629-PG
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC1629 to be
exceeded. The supply current is dominated by the gate
charge supply current, in addition to the current drawn
from the differential amplifier output. The gate charge is
dependent on operating frequency as discussed in the
Efficiency Considerations section. The supply current can
either be supplied by the internal 5V regulator or via the
EXTVCC pin. When the voltage applied to the EXTVCC pin
is less than 4.7V, all of the INTVCC load current is supplied
by the internal 5V linear regulator. Power dissipation for
the IC is higher in this case by (IIN)(VIN – INTVCC) and
efficiency is lowered. The junction temperature can be
estimated by using the equations given in Note 1 of the
Electrical Characteristics. For example, the LTC1629 VIN
current is limited to less than 24mA from a 24V supply:
TJ = 70°C + (24mA)(24V)(95°C/W) = 125°C
Use of the EXTVCC pin reduces the junction temperature
to:
TJ = 70°C + (24mA)(5V)(95°C/W) = 81.4°C
The input supply current should be measured while the
controller is operating in continuous mode at maximum
VIN and the power dissipation calculated in order to pre-
vent the maximum junction temperature from being ex-
ceeded.
EXTVCC Connection
The LTC1629 contains an internal P-channel MOSFET
switch connected between the EXTVCC and INTVCC pins.
When the voltage applied to EXTVCC rises above 4.7V, the
internal regulator is turned off and the switch closes,
connecting the EXTVCC pin to the INTVCC pin thereby
supplying internal and MOSFET gate driving power. The
switch remains closed as long as the voltage applied to
EXTVCC remains above 4.5V. This allows the MOSFET
driver and control power to be derived from the output
during normal operation (4.7V < VEXTVCC < 7V) and from
the internal regulator when the output is out of regulation
(start-up, short-circuit). Do not apply greater than 7V to
the EXTVCC pin and ensure that EXTVCC < VIN + 0.3V when
using the application circuits shown. If an external voltage
source is applied to the EXTVCC pin when the VIN supply is
not present, a diode can be placed in series with the
LTC1629’s VIN pin and a Schottky diode between the
EXTVCCandtheVINpin,topreventcurrentfrombackfeeding
VIN.
Significant efficiency gains can be realized by powering
INTVCC from the output, since the VIN current resulting
from the driver and control currents will be scaled by the
ratio: (Duty Factor)/(Efficiency). For 5V regulators this
means connecting the EXTVCC pin directly to VOUT. How-
ever, for 3.3V and other lower voltage regulators, addi-
tional circuitry is required to derive INTVCC power from the
output.
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC left open (or grounded). This will cause INTVCC
to be powered from the internal 5V regulator resulting in
a significant efficiency penalty at high input voltages.
2. EXTVCC connected directly to VOUT. This is the normal
connection for a 5V regulator and provides the highest
efficiency.
3. EXTVCC connected to an external supply. If an external
supply is available in the 5V to 7V range, it may be used to
power EXTVCC providing it is compatible with the MOSFET
gate drive requirements. VIN must be greater than or equal
to the voltage applied to the EXTVCC pin.
4. EXTVCC connected to an output-derived boost network.
For 3.3V and other low voltage regulators, efficiency gains
can still be realized by connecting EXTVCC to an output-
derived voltage which has been boosted to greater than
4.7V but less than 7V. This can be done with either the
inductive boost winding as shown in Figure 5a or the
capacitive charge pump shown in Figure 5b. The charge
pump has the advantage of simple magnetics.
Topside MOSFET Driver Supply (CB,DB) (Refer to
Functional Diagram)
External bootstrap capacitors CB1 and CB2 connected to
the BOOST1 and BOOST2 pins supply the gate drive
voltages for the topside MOSFETs. Capacitor CB in the
Functional Diagram is charged though diode DB from
INTVCC when the SW pin is low. When the topside MOSFET
turns on, the driver places the CB voltage across the gate-
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com