Electronic Components Datasheet Search
  English  ▼

X  

LTC1629 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1629
Description  PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1629 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1629 Datasheet HTML 20Page - Linear Technology LTC1629 Datasheet HTML 21Page - Linear Technology LTC1629 Datasheet HTML 22Page - Linear Technology LTC1629 Datasheet HTML 23Page - Linear Technology LTC1629 Datasheet HTML 24Page - Linear Technology LTC1629 Datasheet HTML 25Page - Linear Technology LTC1629 Datasheet HTML 26Page - Linear Technology LTC1629 Datasheet HTML 27Page - Linear Technology LTC1629 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1629/LTC1629-PG
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 qwww.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1999
1629f LT/TP 0100 4K • PRINTED IN USA
TYPICAL APPLICATIO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1435/LTC1435A
High Efficiency Synchronous Step-Down Switching Regulator
Burst Mode
TM Operation, 16-Pin Narrow SO
LTC1436A-PLL
High Efficiency Low Noise Synchronous Step-Down Switching Regulator
Adaptive Power
TM Mode, 24-Pin SSOP
LTC1438/LTC1439
Dual High Efficiency Low Noise Synchronous Step-Down Switching Regulators
POR, Auxiliary Regulator
LTC1438-ADJ
Dual Synchronous Controller with Auxiliary Regulator
POR, External Feedback Divider
LTC1538-AUX
Dual High Efficiency Low Noise Synchronous Step-Down Switching Regulator
Auxiliary Regulator, 5V Standby
LTC1539
Dual High Efficiency Low Noise Synchronous Step-Down Switching Regulator
5V Standby, POR, Low-Battery,
Aux Regulator
LTC1530
High Power Step-Down Switching Regulator Controller
High Efficiency 5V to 3.3V Conversion
at Up to 15A
LTC1628/LTC1628-PG Dual High Efficiency, PolyPhase Synchronous Step-Down Switching Regulator
Constant Frequency, Standby,
5V and 3.3V LDOs, PGOOD
LTC1702/LTC1703
Dual High Efficiency, PolyPhase Synchronous Step-Down Switching Regulator
500kHz, 25MHz GBW, Voltage Mode
LTC1708-PG
Dual High Efficiency, PolyPhase Synchronous Step-Down Switching Regulator
Constant Frequency, 5-Bit VID,
Standby 5V, 3.3V, PGOOD
LTC1709
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
1.3V
≤ VOUT ≤ 3.5V, Current Mode Ensures
with 5-Bit VID
Accurate Current Sharing, 3.5V
≤ VIN ≤ 36V
LTC1735
High Efficiency Synchronous Step-Down Controller
Burst Mode Operation, 16-Pin Narrow SSOP,
Fault Protection, 3.5V
≤ VIN ≤ 36V
LTC1736
High Efficiency Synchronous Step-Down Controller with 5-Bit VID
Output Fault Protection, Power Good,
24-Pin SSOP, 3.5V
≤ VIN ≤ 36V
LTC1929
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
Low Cost, 2-Phase Current Mode
Adaptive Power and Burst Mode are trademarks of Linear Technology Corporation.
VIN: 5V TO 16V
VOUT: 3.3V/30A
SWITCHING FREQUENCY = 250kHz
MI, M3: IRF7811
M2, M4: IRF7809
L1, L2: 1
µH SUMIDA CEPH149-1R0MC
CIN: OS CON 2-16SP270M
COUT: KEMET 3-T510 470µF
D3, D4: CENTRAL CMDSH-3TR
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CLKOUT
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
PGOOD
RUN/SS
SENSE1+
SENSE1–
EAIN
PLLFLTR
PLLIN
PHASMD
ITH
SGND
VDIFFOUT
VOS
–
VOS
+
SENSE2–
SENSE2+
LTC1629-PG
M4
M3
0.1
µF
17.8k
13.2k
10k
3.3k
16.5k
1000pF
1000pF
1000pF
100pF
33pF
M2
M1
D1
UPS840
D2
UPS840
0.47
µF
POWER
GOOD
100k
4.7
µF
6.3V
0.1
µF
1
µF,25V
5V
D4
D3
10
Ω
0.47
µF
VOUT
3.3V/30A
VIN
5V TO
16V
L1
0.003
Ω
L2
0.003
Ω
1629 TA02
1000pF
COUT
CIN
Figure 12. 3.3V/30A Power Supply with Active Voltage Positioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com