Electronic Components Datasheet Search
  English  ▼

X  

LTC1645C Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1645C
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645C Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1645C Datasheet HTML 9Page - Linear Technology LTC1645C Datasheet HTML 10Page - Linear Technology LTC1645C Datasheet HTML 11Page - Linear Technology LTC1645C Datasheet HTML 12Page - Linear Technology LTC1645C Datasheet HTML 13Page - Linear Technology LTC1645C Datasheet HTML 14Page - Linear Technology LTC1645C Datasheet HTML 15Page - Linear Technology LTC1645C Datasheet HTML 16Page - Linear Technology LTC1645C Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1645
voltage on the external capacitor CTIMER starts to ramp up
with a slope dv/dt = 2
µA/CTIMER.Whenthevoltagereaches
the trip point (1.23V), the timer is reset by pulling the
TIMER pin back to ground. The timer period is
t = (1.23V • CTIMER)/2µA. For a 200ms delay, use a 0.33µF
capacitor.
Electronic Circuit Breaker
The LTC1645 features an electronic circuit breaker func-
tion that protects against short circuits or excessive out-
put currents. By placing sense resistors between the
supply inputs and sense pins of the supplies, the circuit
breaker trips whenever the voltage across either sense
resistor is greater than 50mV for more than 1.5
µs. If the
circuit breaker trips, both GATE pins are immediately
pulled to ground and the external N-channels FETs are
quickly turned off (time point 6 in Figure 12). The circuit
breaker resets and another timing cycle starts by taking
the ON pin below 0.4V and then high as shown at time
point 7.
At the end of the timer cycle (time point 8), the charge
pump turns on again. If the circuit breaker feature is not
required, short the SENSE
n pin to VCCn.
If the 1.5
µsresponsetimeistoofasttorejectsupplynoise,
add external resistors and capacitors RF and CF to the
sense circuit as shown in Figure 13.
The ON Pin
The ON pin is used to control system operation as shown
in Figure 14. At time point 1, the board makes connection
and the supplies power up the chip. At time point 2, the ON
pin goes high and a timer cycle starts as long as both VCC
pins are higher than the undervoltage lockout trip point
(2.23V for VCC1 and 1.12V for VCC2) and an overcurrent
fault is not detected. At the end of the timer cycle (time
point 3), the charge pump is turned on and the GATE
n pin
voltages start to ramp up with the output supply voltages,
VOUTn, following one gate-to-source voltage drop lower.
At time point 4, VOUT2 reaches its power-good trip level
(this example assumes the FB pin resistive divider is
connected to VOUT2) and a timing cycle starts. At the end
of the timing cycle (time point 5), RESET goes high and the
power-up process is complete.
APPLICATIO S I FOR ATIO
Figure 13. Extending the Short-Circuit Protection Delay
Figure 12. Current Fault Timing
Figure 14. ON Pin Waveforms
1645 F14
ON
0.8V
0.4V
0V
2V
1 2
3
4
5
6 7
8
9
10 11 12 13 14 15 16 17
18 19 20
GATE1
GATE2
VOUT1
VOUT2
TIMER
VCCn
RESET
RAMPING UP AND
DOWN TOGETHER
RAMPING UP AND
TURNING OFF FAST
RAMPING UP AND
DOWN SEPARATELY
SENSE
n
LTC1645
GATE
n
VCCn
1645 G13
CF
RF
RESET
VOUTn
GATE
n
1645 F12
TIMER
ON
VCCn – VSENSEn
VCCn
12
3
4
RAMPING UP
RESET FAULT
AND RAMP UP
CURRENT
FAULT
56
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com