Electronic Components Datasheet Search
  English  ▼

X  

LTC1645C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1645C
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1645C Datasheet HTML 13Page - Linear Technology LTC1645C Datasheet HTML 14Page - Linear Technology LTC1645C Datasheet HTML 15Page - Linear Technology LTC1645C Datasheet HTML 16Page - Linear Technology LTC1645C Datasheet HTML 17Page - Linear Technology LTC1645C Datasheet HTML 18Page - Linear Technology LTC1645C Datasheet HTML 19Page - Linear Technology LTC1645C Datasheet HTML 20Page - Linear Technology LTC1645C Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1645
APPLICATIO S I FOR ATIO
Using the LTC1645 as a Linear Regulator
This application uses the LTC1645 to Hot Swap one
primary supply and generate a secondary low dropout
regulated supply. Figure 19 shows how to switch a 5V
supply and create a 3.3V supply using the spare compara-
tor and one additional transistor. The COMP+ pin is used
to monitor the 3.3V output. As the voltage on the gate of
Q2 increases, the 3.3V output increases. At the 3.3V
threshold the spare comparator trips. The COMPOUT pin
goes high which turns on Q3. This lowers the voltage on
the gate of Q2. This feedback loop is compensated by
capacitors C1 and C2 and resistor R1. When power is first
applied, the FB pin is low and RESET holds one side of C2
low, slowing the ramp-up of VOUT2. As VOUT2 exceeds
2.75V, RESET releases to allow improved loop transient
response. Figure 20 shows the load transient response
and voltage ripple of the generated supply.
Q1
IRF7413
0.01
Ω*
0.01
Ω*
Q2
IRFZ24
10
Ω
10k
10
Ω
R1
200k
1M
Q3
PN2222
1.5k
1%
12.1k
1%
10k
1%
2.49k
1%
C2
0.1
µF
25V
C1
0.033
µF
0.1
µF
25V
0.33
µF
470
µF**
6V
×2
CLOAD1
12
1
2
3
8
9
6
BOTH CURRENT LIMITS: 5A
5
11
7
13
14
10
4
VCC1
ON
FAULT
SENSE1
TIMER
GND
GATE2
VCC2
VIN
5V
VOUT2
3.3V
2.5A
VOUT1
5V
2.5A
LTC1645
(14-LEAD)
COMP+
COMPOUT
FB
SENSE2
GATE1
1645 F19
RESET
+
+
LRF1206-01-R010-J (IRC)
T510X477K006AS (KEMET)
*
**
Figure 19. Switching 5V and Generating 3.3V
VOUT2
0.1V/DIV
IOUT2
1A/DIV
2.5A
0.5A
Figure 20. Load Transient Response and Voltage Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com