| Electronic Components Datasheet Search |
|
LTC1645C Datasheet(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1645C Datasheet(HTML) 7 Page - Linear Technology |
|
7 / 24 page ![]() 7 LTC1645 Hot Circuit Insertion When a circuit board is inserted into a live backplane, the supply bypass capacitors on the board can draw huge transient currents from the backplane power bus as they charge. These transient currents can cause permanent damage to the connector pins and produce glitches on the system supply, resetting other boards in the system. The LTC1645 is designed to turn a board’s supply voltages on and off in a controlled manner, allowing the board to be safely inserted or removed from a live backplane. The chip provides a system reset signal and a spare comparator to indicate when board supply voltages drop below user- programmable voltages, and a fault signal to indicate if an overcurrent condition has occurred. The LTC1645 can be located before or after the connector as shown in Figure 1. A staggered PCB connector can sequence pin connections when plugging and unplugging circuit boards. Alternatively, the control signal can be generated by processor control. Power Supply Tracking and Sequencing Some applications require that the potential difference between two power supplies not exceed a certain voltage. This requirement applies during power-up and power- down as well as during steady state operation, often to prevent latch-up in a dual supply ASIC. Other systems require one supply to come up after another, for example, if a system clock needs to start before a block of logic. Typical dual supplies or backplane connections may come up at arbitrary rates depending on load current, capacitor size, soft-start rates, etc. Traditional solutions are cum- bersome and require complex circuitry to meet the power supply requirements. The LTC1645 provides a simple solution to power supply tracking and sequencing needs. The LTC1645 guarantees supply tracking by ramping the supplies up and down together (see Figure 15). The sequencing capabilities of the LTC1645 allow nearly any combination of supply ramping (e.g., see Figure 17) to satisfy various sequenc- ing specifications. See the Power Supply Tracking and Sequencing Applications section for more information. APPLICATIO S I FOR ATIO SENSE FAULT VCC VOUT FAULT ON ON GND GATE LTC1645 BACKPLANE CONNECTOR STAGGERED PCB EDGE CONNECTOR CLOAD + VCC (a) Hot Swap Controller on Motherboard SENSE FAULT VCC VOUT FAULT ON GND GATE LTC1645 1645 F01 CLOAD + VCC BACKPLANE CONNECTOR STAGGERED PCB EDGE CONNECTOR (b) Hot Swap Controller on Daughterboard Figure 1. Staggered Pins Connection |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |