Electronic Components Datasheet Search
  English  ▼

X  

LTC1736 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1736
Description  5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1736 Datasheet(HTML) 1 Page - Linear Technology

  LTC1736 Datasheet HTML 1Page - Linear Technology LTC1736 Datasheet HTML 2Page - Linear Technology LTC1736 Datasheet HTML 3Page - Linear Technology LTC1736 Datasheet HTML 4Page - Linear Technology LTC1736 Datasheet HTML 5Page - Linear Technology LTC1736 Datasheet HTML 6Page - Linear Technology LTC1736 Datasheet HTML 7Page - Linear Technology LTC1736 Datasheet HTML 8Page - Linear Technology LTC1736 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1736
5-Bit Adjustable
High Efficiency Synchronous
Step-Down Switching Regulator
Figure 1. High Efficiency Step-Down Converter
s
Dual N-Channel MOSFET Synchronous Drive
s
Synchronizable/Programmable Fixed Frequency
s
Wide VIN Range: 3.5V to 36V Operation
s
5-Bit Digital-to-Analog VOUT Selection:
0.925V to 2.00V Range with 50mV/25mV Steps
s
OPTI-LOOP
TM Compensation Minimizes COUT
s
±1% Output Voltage Accuracy
s
Power Good Output Voltage Monitor
s
Active Voltage Positioning Compatible
s
Output Overvoltage Crowbar Protection
s
Internal Current Foldback
s
Latched Short-Circuit Shutdown Timer
with Defeat Option
s
Forced Continuous Control Pin
s
Optional Programmable Soft-Start
s
Remote Output Voltage Sense
s
Available in 24-Lead SSOP Package
s
Notebook and Palmtop Computers, PDAs
s
Power Supply for Mobile Pentium
® II and
Pentium III Processors
s
Low Voltage Power Supplies
The LTC
®1736 is a synchronous step-down switching
regulator controller optimized for CPU power. The output
voltage is programmed by a 5-bit digital-to-analog con-
verter (DAC) that adjusts the output voltage from 0.925V
to 2.00V according to Intel mobile VID specifications. The
0.8V reference is compatible with future microprocessor
generations.
The operating frequency (synchronizable up to 500kHz) is
set by an external capacitor allowing maximum flexibility
in optimizing efficiency. The output voltage is monitored by
a power good window comparator that indicates when the
output is within 7.5% of its programmed value.
Protection features include: internal foldback current lim-
iting, output overvoltage crowbar and optional short-cir-
cuit shutdown. Soft-start is provided by an external capaci-
tor that can be used to properly sequence supplies. The
operating current level is user-programmable via an exter-
nal current sense resistor. Wide input supply range allows
operation from 3.5V to 30V (36V maximum).
Pin defeatable Burst Mode
TM operation provides high effi-
ciency at low load currents. OPTI-LOOP compensation
allows the transient response to be optimized over a wide
range of output capacitance and ESR values.
, LTC and LT are registered trademarks of Linear Technology Corporation.
OPTI-LOOP and Burst Mode are trademarks of Linear Technology Corporation.
Pentium is a registered trademark of Intel Corporation.
VOSENSE
ITH
47pF
CC1
330pF
CB
0.22
µF
DB
CMDSH-3
VIN
5V TO 24V
COSC
47pF
RUN/SS
PGND
BG
1000pF
BOOST
SW
VIDVCC
INTVCC
4.7
µF
M2
FDS6680A
×2
M1
FDS6680A
COUT: PANASONIC EEFUEOG181R
CIN: MARCON THCR70EIH226ZT
L1: PANASONIC ETQP6RZIR20HFA
RSENSE: IRC LRF2010-01-R004J
D1
MBRS340T3
1736 F01
CSS
0.1
µF
CC2
47pF
COSC
RC
33k
RSENSE
0.004
Ω
PGOOD
VID4
VID3
VID2
VID1
VID0
SGND
SENSE –
LTC1736
SENSE +
TG
VIN
+
COUT
180
µF/4V
×4
CIN
22
µF/50V
×2
CERAMIC
VOUT
1.35V TO 1.60V
12A
+
L1
1.2
µH
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1736

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1736 LINER-LTC1736 Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1736 LINER-LTC1736 Datasheet
254Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1736 LINER-LTC1736 Datasheet
480Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1736 LINER-LTC1736_15 Datasheet
338Kb / 28P
5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1736

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1709 LINER-LTC1709 Datasheet
370Kb / 28P
2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
373Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707_1 Datasheet
222Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1735CF LINER-LTC1735CF Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1709 LINER-LTC1709_15 Datasheet
306Kb / 28P
2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735_15 Datasheet
410Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1736 LINER-LTC1736_15 Datasheet
338Kb / 28P
5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
High Efficiency Synchronous Step-Down Switching Regulator
LT8630 LINER-LT8630 Datasheet
399Kb / 8P
Synchronous Micropower Step-Down High Efficiency Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com