Electronic Components Datasheet Search
  English  ▼

X  

LTC1736 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1736
Description  5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1736 Datasheet(HTML) 3 Page - Linear Technology

  LTC1736 Datasheet HTML 1Page - Linear Technology LTC1736 Datasheet HTML 2Page - Linear Technology LTC1736 Datasheet HTML 3Page - Linear Technology LTC1736 Datasheet HTML 4Page - Linear Technology LTC1736 Datasheet HTML 5Page - Linear Technology LTC1736 Datasheet HTML 6Page - Linear Technology LTC1736 Datasheet HTML 7Page - Linear Technology LTC1736 Datasheet HTML 8Page - Linear Technology LTC1736 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1736
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS = 5V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1736CG, LTC1736IG: TJ = TA + (PD • 110°C/W)
Note 3: The LTC1736 is tested in a feedback loop that servos VFB to the
balance point for the error amplifier (VITH = 1.2V).
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 5: Oscillator frequency is tested by measuring the COSC charge
current (IOSC) and applying the formula:
Note 6: With all five VID inputs floating (or tied to VIDVCC) the VIDVCC
current is typically < 1
µA. However, the VIDVCC current will rise and be
approximately equal to the number of grounded VID input pins times
(VIDVCC – 0.6V)/40k. (See the Applications Information section for more
detail.)
Note 7: Each built-in pull-up resistor attached to the VID inputs also has a
series diode to allow input voltages higher than the VIDVCC supply without
damage or clamping. (See the Applications Information section for more
detail.)
Note 8: The minimum on-time condition corresponds to the on inductor
peak-to-peak ripple current
≥40% of IMAX (see minimum on-time
considerations in the Applications Information section).
Note 9: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
f
CpF
I
I
OSC
OSC
CHG
DIS
=
+
+


8 477 10
11
11
11
1
.(
)
()
–
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BG Transition Time:
(Note 9)
BG tr
Rise Time
CLOAD = 3300pF
50
90
ns
BG tf
Fall Time
CLOAD = 3300pF
40
80
ns
TG/BG T1D
Top Gate Off to Synchronous
CLOAD = 3300pF Each Driver
100
ns
Gate-On Delay Time
TG/BG T2D
Synchronous Gate Off to Top
CLOAD = 3300pF Each Driver
70
ns
Gate-On Delay Time
Internal VCC Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
5.0
5.2
5.4
V
VLDO(INT)
Internal VCC Load Regulation
ICC = 0mA to 20mA, VEXTVCC = 4V
0.2
1
%
VLDO(EXT)
EXTVCC Drop Voltage
ICC = 20mA, VEXTVCC = 5V
130
200
mV
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, EXTVCC Ramping Positive
q
4.5
4.7
V
VEXTVCC(HYS)
EXTVCC Hysteresis
0.2
V
Oscillator
fOSC
Oscillator Frequency
(Note 5), COSC = 43pF
265
300
335
kHz
fH/fOSC
Maximum Sync Frequency Ratio
1.3
fFCB(SYNC)
FCB Pin Threshold For Sync
Ramping Negative
0.9
1.2
V
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
110
200
mV
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
µA
VPG
PGOOD Trip Level
VOSENSE with Respect to Set Output Voltage
VOSENSE Ramping Negative
– 6.0
– 7.5
– 9.5
%
VOSENSE Ramping Positive
6.0
7.5
9.5
%
VID Control
VIDVCC
VID Operating Supply Voltage
2.7
5.5
V
IVIDVCC
VID Supply Current
(Note 6) VIDVCC = 3.3V
0.01
5
µA
RVFB/VOSENSE
Resistance Between VOSENSE and VFB
10
k
Ω
RRATIO
Resistor Ratio Accuracy
Programmed from 0.925V to 2.00V
±0.05
%
RPULL-UP
VID0 to VID4 Pull-Up Resistance
(Note 7) VDIODE = 0.6V
40
k
Ω
VIDT
VID Input Voltage Threshold
0.4
1.0
1.6
V
IVIDLEAK
VID Input Leakage Current
(Note 7) VIDVCC < VID < 7V
0.01
±1
µA
VPULL-UP
VID Pull-Up Voltage
VIDVCC = 3.3V
2.8
V
VIDVCC = 5V
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com