Electronic Components Datasheet Search
  English  ▼

X  

LTC1753 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1753 Datasheet HTML 10Page - Linear Technology LTC1753 Datasheet HTML 11Page - Linear Technology LTC1753 Datasheet HTML 12Page - Linear Technology LTC1753 Datasheet HTML 13Page - Linear Technology LTC1753 Datasheet HTML 14Page - Linear Technology LTC1753 Datasheet HTML 15Page - Linear Technology LTC1753 Datasheet HTML 16Page - Linear Technology LTC1753 Datasheet HTML 17Page - Linear Technology LTC1753 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1753
The RDS(ON) required for a given conduction loss can now
be calculated by rearranging the relation P = I2R.
R
P
DC Q
I
VP
VI
R
P
DC Q
I
VP
VV
I
DS ON Q
MAX Q
MAX
IN
MAX Q
OUT
MAX
DS ON Q
MAX Q
MAX
IN
MAX Q
IN
OUT
MAX
()
()
()
()
()
()
=
()
[]()
=
()


()( )
=
()
[]()
=
()


−
()( )
1
1
2
1
2
2
2
2
2
2
1
2
PMAX should be calculated based primarily on required
efficiency or allowable thermal dissipation. A typical high
efficiency circuit designed with a 5V input and a 2.8V,
11.2A output might allow no more than 4% efficiency loss
at full load for each MOSFET. Assuming roughly 90%
efficiency at this current level, this gives a PMAX value of:
[(2.8)(11.2A/0.9)(0.04)] = 1.39W per FET
and a required RDS(ON) of:
R
VW
VA
R
VW
VV
A
DS ON Q
DS ON Q
()
()
= ()(
)
()( )
=
=
()(
)
−
()( )
=
1
2
2
2
51 39
2 8
11 2
0 019
51 39
52 8
11 2
0 025
.
..
.
.
..
.
Ω
Ω
Note also that while the required RDS(ON) values suggest
large MOSFETs, the dissipation numbers are only 1.39W
per device or less––large TO-220 packages and heat sinks
are not necessarily required in high efficiency applica-
tions. Siliconix Si4410DY or International Rectifier IRF7413
(both in SO-8) or Siliconix SUD50N03 or Motorola
MTD20N03HDL (both in D PAK) are small footprint sur-
face mount devices with RDS(ON) values below 0.03Ω at 5V
of gate drive that work well in LTC1753 circuits. With
higher output voltages, the RDS(ON) of Q1 may need to be
significantly lower than that for Q2. These conditions can
often be met by paralleling two MOSFETs for Q1 and using
a single device for Q2. Note that using a higher PMAX value
Note: Please refer to the manufacturer’s data sheet for testing conditions
and detail information.
Table 4. Recommended MOSFETs for LTC1753 Applications
TYPICAL INPUT
RDS(ON)
CAPACITANCE
PARTS
AT 25
°C (mΩ)
RATED CURRENT (A)
CISS (pF)
θJC (°C/W)
TJMAX (°C)
Siliconix SUD50N03-10
19
15 at 25
°C
3200
1.8
175
D-PAK
10 at 100
°C
Siliconix Si4410DY
20
10 at 25
°C
2700
—
150
SO-8
8 at 75
°C
ON Semiconductor MTD20N03HDL
35
20 at 25
°C
880
1.67
150
D PAK
16 at 100
°C
Fairchild FDS6670A
8
13 at 25
°C
3200
25
150
SO-8
Fairchild FDS6680
10
11.5 at 25
°C
2070
25
150
SO-8
ON Semiconductor MTB75N03HDL
7.5
75 at 25
°C
4025
1.0
150
DD PAK
59 at 100
°C
IR IRL3103S
14
56 at 25
°C
1600
1.8
175
DD PAK
40 at 100
°C
IR IRLZ44
28
50 at 25
°C
3300
1.0
175
TO-220
36 at 100
°C
Fuji 2SK1388
37
35 at 25
°C
1750
2.08
150
TO-220
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com