Electronic Components Datasheet Search
  English  ▼

X  

LTC1753 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 4 Page - Linear Technology

  LTC1753 Datasheet HTML 1Page - Linear Technology LTC1753 Datasheet HTML 2Page - Linear Technology LTC1753 Datasheet HTML 3Page - Linear Technology LTC1753 Datasheet HTML 4Page - Linear Technology LTC1753 Datasheet HTML 5Page - Linear Technology LTC1753 Datasheet HTML 6Page - Linear Technology LTC1753 Datasheet HTML 7Page - Linear Technology LTC1753 Datasheet HTML 8Page - Linear Technology LTC1753 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1753
Efficiency vs Load Current
LOAD CURRENT (A)
0
60
80
100
4
1753 G03
40
20
50
70
90
A
30
10
0
0.3
2
6
8
10
12
14
B
REFER TO TYPICAL APPLICATION
CIRCUIT FIGURE 1
VIN = 5V, PVCC = 12V, VOUT = 2.8V,
COUT = 330µF ×7, LO = 2µH
A: Q1 = 1
× SUD50N03-10
Q2 = 1
× SUD50N03-10
B: Q1 = 2
× SUD50N03-10
Q2 = 1
× SUD50N03-10
NO FAN
Q1 IS MOUNTED ON 1IN2 COPPER AREA
Error Amplifier Open-Loop
DC Gain vs Temperature
Overtemperature Driver Disable
vs Temperature
Load Regulation
Line Regulation
OUTPUT CURRENT (A)
0
2.825
4
1753 G04
2.820
2.815
2.810
2.805
2.800
2.795
2.790
2.785
2.780
2.775
1 2 3
5 6 7 8 9 10 11 12 13 14
REFER TO TYPICAL APPLICATION
CIRCUIT FIGURE 1
VIN = 5V, PVCC = 12V, TA = 25°C
INPUT VOLTAGE (V)
4.75
2.825
2.820
2.815
2.810
2.805
2.800
2.795
2.790
2.785
2.780
2.775
5.15
1753 G05
4.85
4.95
5.05
5.25
REFER TO TYPICAL APPLICATION
CIRCUIT FIGURE 1
OUTPUT = NO LOAD
TA = 25°C
Output Temperature Drift
TEMPERATURE (
°C)
–50
2.860
2.850
2.840
2.830
2.820
2.810
2.800
2.790
2.780
2.770
2.750
2.760
2.740
0
50
75
1753 G06
–25
25
100
125
TEMPERATURE (
°C)
–50
1.60
1.62
1.66
1.68
1.70
1.80
1.74
0
50
75
1753 G07
1.64
1.76
1.78
1.72
–25
25
100
125
TEMPERATURE (
°C)
–50
40
45
50
55
60
–25
0
25
50
1753 G09
75
100
125
Typical 1.3V VOUT Distribution
OUTPUT VOLTAGE (V)
1.275
30
40
50
1.315
1753 G01
20
10
0
1.285
1.295
1.305
1.325
100
°C
TOTAL SAMPLE SIZE = 500
25
°C
Error Amplifier Transconductance
vs Temperature
TEMPERATURE (
°C)
–50
1.7
1.9
2.3
25
75
1753 G08
1.5
1.3
–25
0
50
100
125
1.1
0.9
2.1
OUTPUT VOLTAGE (V)
2.75
30
40
50
2.83
1753 G02
20
10
0
2.77
2.79
2.81
2.85
100
°C
TOTAL SAMPLE SIZE = 500
25
°C
Typical 2.8V VOUT Distribution
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com