Electronic Components Datasheet Search
  English  ▼

X  

LTC1753 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1753 Datasheet HTML 15Page - Linear Technology LTC1753 Datasheet HTML 16Page - Linear Technology LTC1753 Datasheet HTML 17Page - Linear Technology LTC1753 Datasheet HTML 18Page - Linear Technology LTC1753 Datasheet HTML 19Page - Linear Technology LTC1753 Datasheet HTML 20Page - Linear Technology LTC1753 Datasheet HTML 21Page - Linear Technology LTC1753 Datasheet HTML 22Page - Linear Technology LTC1753 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC1753
possible. It should also be located as close as possible
above (or below) the power ground plane. Some of the
phase shift problem can be solved by taking the AC
feedback locally at the regulator output while still taking
the DC feedback at the point of load. This permits accurate
DC regulation while still maintaining reasonable phase
margin. This is done by connecting the top of phase lead
capacitor, C2, locally at the regulator output while con-
necting the SENSE pin to the load. The corner frequency
1/(2
π • R2 • C2) must be significantly less than the
resonant frequency of the parasitic inductance and the
output capacitance 1/(2
π • √LDIST • CLOAD). Certain board
layouts may require RC2, a small series resistor, to de-
crease the slew rate of the feedforward path. In general, an
empirical approach to compensating this type of loop will
be best since it will be very difficult to estimate the parasitic
inductance of the power path analytically. It should be
noted that if the circuit can have a wide range of output
capacitance, this can be dangerous technique to employ
since the double-pole frequency will move as the load
capacitance changes. Be sure to verify stability with all
possible combinations of output capacitance.
VID0 to VID4, PWRGD and FAULT
The digital inputs (VID0 to VID4) program the internal DAC
which in turn controls the output voltage. These digital
input controls are intended to be static and are not
designed for high speed switching. Forcing VOUT to step
from a high to a low voltage by changing the VIDn pins
quickly can cause FAULT to trip.
Figure 9 shows the relationship between the VOUT voltage,
PWRGD and FAULT. To prevent PWRGD from interrupting
the CPU unnecessarily, the LTC1753 has a built-in tPWRBAD
delay to prevent noise at the SENSE pin from toggling
PWRGD. The internal time delay is designed to take about
500
µs for PWRGD to go low and 1ms for it to recover.
Once PWRGD goes low, the internal circuitry watches for
the output voltage to exceed 113% of the rated voltage. If
this happens, FAULT will be triggered. Once FAULT is
triggered, G1 and G2 will be forced low immediately and
the LTC1753 will remain in this state until VCC power
supply is recycled or OUTEN is toggled.
Figure 8. Feedback Connections for Remote Sense Applications
Figure 9. PWRGD and FAULT
RATED VOUT
VOUT
13%
3%
–3%
tPWRBAD
tPWRGD
tFAULT
FAULT
PWRGD
1753 F09
+
DAC
LTC1753
R1
1753 F08
ERR
RC
RC2
R2
C2
SENSE
CLOAD
COUT
Q2
Q1
LDIST
LO
VFB
LOAD
C1
CC
+
1
µF
1
µF
6
11
10
COMP
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com