Electronic Components Datasheet Search
  English  ▼

X  

LTC1771 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1771
Description  Low Quiescent Current High Efficiency Step-Down DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1771 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1771 Datasheet HTML 4Page - Linear Technology LTC1771 Datasheet HTML 5Page - Linear Technology LTC1771 Datasheet HTML 6Page - Linear Technology LTC1771 Datasheet HTML 7Page - Linear Technology LTC1771 Datasheet HTML 8Page - Linear Technology LTC1771 Datasheet HTML 9Page - Linear Technology LTC1771 Datasheet HTML 10Page - Linear Technology LTC1771 Datasheet HTML 11Page - Linear Technology LTC1771 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1771
ripple current ratings are often based on 2000 hours of life.
This makes it advisable to further derate the capacitor, or
to choose a capacitor rated at a higher temperature than
required. Do not underspecify this component. An addi-
tional 0.1
µF ceramic capacitor is also helpful on VIN for
high frequency decoupling.
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment is satisfied, the capacitance is adequate for filtering.
The output ripple (
∆VOUT) in continuous mode is approxi-
mated by:
∆≈
+


V
I
ESR
fC
OUT
RIPPLE
OUT
1
8
where f is the operating frequency, COUT is the output
capacitance and IRIPPLE is the ripple current in the
inductor. For output ripple less than 100mV, assure COUT
required ESR is <2RSENSE.
The first condition relates to the ripple current into the ESR
of the output capacitance while the second term guaran-
tees that the output capacitance does not significantly
discharge during the operating frequency period due to
ripple current. The choice of using smaller output capaci-
tance increases the ripple voltage due to the discharging
term but can be compensated for by using capacitors of
very low ESR to maintain the ripple voltage at or below
50mV. The ITH pin OPTI-LOOP
TM compensation compo-
nents can be optimized to provide stable, high perfor-
mance transient response regardless of the output
capacitors selected.
Manufacturers such as Nichicon, United Chemicon and
Sanyo should be considered for high performance through-
hole capacitors. The OS-CON semiconductor dielectric
capacitor available from Sanyo has the lowest ESR for its
size of any aluminum electrolytic at a somewhat higher
price. Typically once the ESR requirement is satisfied, the
RMS current rating generally far exceeds the IRIPPLE(P-P)
requirement.
In surface mount applications multiple capacitors may
have to be paralleled to meet the ESR or RMS current
handling requirements of the application. Aluminum
electrolytics and dry tantalum capacitors are both available
in surface mount configurations. In case of tantalum, it is
critical that the capacitors are surge tested for use in
switching power supplies. An excellent choice is the
AVX TPS, AVX TPSV and KEMET T510 series of surface
mount tantalums, available in case heights ranging from
2mm to 4mm. Other capacitor types include Sanyo
OS-CON, Sanyo POSCAP, Nichicon PL series and
Panasonic SP.
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting efficiency and which change would produce the
most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 +L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in the LTC1771 circuits: the LTC1771 DC bias
current, MOSFET gate charge current, I2R losses and
catch diode losses.
1. The DC bias current is 9
µA at no load and increases
proportionally with load up to a constant 150
µA during
continuous mode. This bias current is so small that this
loss is negligible at loads above a milliamp but at no
load accounts for nearly all of the loss.
2. The MOSFET gate charge current results from switch-
ing the gate capacitance of the power MOSFET switch.
Each time the gate is switched from high to low to high
again, a packet of charge dQ moves from VIN to ground.
The resulting dQ/dt is the current out of VIN which is
typically much larger than the DC bias current. In con-
tinuous mode, IGATECHG =fQPwhereQPisthegatecharge
of the internal switch. Both the DC bias and gate charge
losses are proportional to VIN and thus their effects will
be more pronounced at higher supply voltages.
3. I2R losses are predicted from the internal switch, induc-
tor and current sense resistor. In continuous mode the
average output current flows through L but is “chopped”
OPTI-LOOP is a trademark of Linear Technology Corporation.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com