Electronic Components Datasheet Search
  English  ▼

X  

LTC1771 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1771
Description  Low Quiescent Current High Efficiency Step-Down DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1771 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1771 Datasheet HTML 3Page - Linear Technology LTC1771 Datasheet HTML 4Page - Linear Technology LTC1771 Datasheet HTML 5Page - Linear Technology LTC1771 Datasheet HTML 6Page - Linear Technology LTC1771 Datasheet HTML 7Page - Linear Technology LTC1771 Datasheet HTML 8Page - Linear Technology LTC1771 Datasheet HTML 9Page - Linear Technology LTC1771 Datasheet HTML 10Page - Linear Technology LTC1771 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1771
Power MOSFET Selection
An external P-channel power MOSFET must be selected
for use with the LTC1771. The main selection criteria for
the power MOSFET are the threshold voltage VGS(TH) and
the “on” resistance RDS(ON), reverse transfer capacitance
and total gate charge.
Since the LTC1771 can operate down to input voltages as
low as 2.8V, a sublogic level threshold MOSFET (RDS(ON)
guaranteed at VGS = 2.5V) is required for applications that
work close to this voltage. When these MOSFETs are used,
make sure that the input supply to the LTC1771 is less than
the absolute maximum VGS rating (typically 12V), as the
MOSFET gate will see the full supply voltage.
The required RDS(ON) of the MOSFET is governed by its
allowable power dissipation. For applications that may
operate the LTC1771 in dropout, i.e. 100% duty cycle, at
its worst case the required RDS(ON) is given by:
R
P
I
DS ON
P
OUT MAX
P
()
()
= () +()
2
1
δ
where PP is the allowable power dissipation and δP is the
temperature dependency of RDS(ON). (1 + δP) is generally
given for a MOSFET in the form of a normalized RDS(ON) vs
temperature curve, but = 0.005/
°C can be used as an
approximation for low voltage MOSFETs.
In applications where the maximum duty cycle is less than
100% and the LTC1771 is in continuous mode, the RDS(ON)
is governed by:
R
P
DC I
DC
VV
VV
DS ON
P
OUT
P
OUT
D
IN
D
() = ()
+
()
=
+
+
2
1
δ
where DC is the maximum operating duty cycle of the
LTC1771.
Catch Diode Selection
The catch diode carries load current during the off-time.
The average diode current is therefore dependent on the
P-channel switch duty cycle. At high input voltages the
diode conducts most of the time. As VIN approaches VOUT
the diode conducts only a small fraction of the time. The
most stressful condition for the diode is when the output
is short-circuited. Under this condition, the diode must
safely handle IPEAK at close to 100% duty cycle.
To maximize both low and high current efficiencies, a fast
switching diode with low forward drop and low reverse
leakage should be used. Low reverse leakage current is
critical to maximize low current efficiency since the leak-
age can potentially exceed the magnitude of the LTC1771
supply current. Low forward drop is critical for high
current efficiency since loss is proportional to forward
drop. The effect of reverse leakage and forward drop on
no- load supply current and efficiency for various Schottky
diodes is shown in Table 1. As can be seen, these are
conflicting parameters and the user must weigh the
importance of each spec in choosing the best diode for the
application.
Table 1. Effect of Catch Diode on Performance
LEAKAGE
NO-LOAD
EFFICIENCY
DIODE
(VR = 3.3V) VF @ 1A SUPPLY CURRENT AT 10V/1A
MBR0540
0.25
µA
0.50V
10.4
µA
86.3%
UPS5817
2.8
µA
0.41V
11.8
µA
88.2%
MBR0520
3.7
µA
0.36V
12.2
µA
88.4%
MBRS120T3
4.4
µA
0.43V
12.2
µA
87.9%
MBRM120LT3
8.3
µA
0.32V
14.0
µA
89.4%
MBRS320
19.7
µA
0.29V
20.0
µA
89.8%
CIN and COUT Selection
At higher load currents, when the inductor current is
continuous, the source current of the P-channel MOSFET
is a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum
capacitor current is given by:
C
IV
V
V
V
IN
MAX
OUT
IN
OUT
IN
required IRMS =
−
()
[]12/
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that capacitor manufacturer’s
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com