Electronic Components Datasheet Search
  English  ▼

X  

LTC1771 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1771
Description  Low Quiescent Current High Efficiency Step-Down DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1771 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1771 Datasheet HTML 5Page - Linear Technology LTC1771 Datasheet HTML 6Page - Linear Technology LTC1771 Datasheet HTML 7Page - Linear Technology LTC1771 Datasheet HTML 8Page - Linear Technology LTC1771 Datasheet HTML 9Page - Linear Technology LTC1771 Datasheet HTML 10Page - Linear Technology LTC1771 Datasheet HTML 11Page - Linear Technology LTC1771 Datasheet HTML 12Page - Linear Technology LTC1771 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1771
between the P-channel MOSFET in series with RSENSE
and the output diode. The MOSFET RDS(ON) plus RSENSE
multiplied by the duty cycle can be summed with the
resistance of L to obtain I2R losses.
4. The catch diode loss is proportional to the forward drop
as the diode conducts current during the off-time and is
more pronounced at high supply voltages where the
off-time is long. However, as discussed in the Catch
Diode section, diodes with lower forward drops often
have higher leakage currents, so although efficiency is
improved, the no-load supply current will increase. The
diode loss is calculated by multiplying the forward
voltage drop times the diode duty cycle multiplied by
the load current.
Other losses including CIN and COUT ESR dissipative
losses, and inductor core losses, generally account for
less than 2% total additional loss.
Output Voltage Programming
The output voltage is programmed with an external divider
from VOUT to VFB (Pin 1) as shown in Figure 2. The
regulated voltage is determined by:
V
R
R
OUT =+


123 1
2
1
.
To minimize no-load supply current, resistor values in the
megohm range should be used. The increase in supply
current due to the feedback resistors can be calculated
from:
∆=
+


I
V
RR
V
V
OUT
OUT
IN
VIN
12
A 5pF feedforward capacitor across R2 is recommended
to minimize output voltage ripple in Burst Mode operation.
Run/Soft-Start Function
The RUN/SS pin is a dual purpose pin that provides the
soft- start function and a means to shut down the LTC1771.
Soft-start reduces the input surge current from VIN by
gradually increasing the internal current limit. Power
supply sequencing can also be accomplished using
this pin.
An internal 1
µA current source charges up an external
capacitor CSS. When the voltage on the RUN/SS reaches
1V, the LTC1771 begins operating. As the voltage on the
RUN/SS continues to ramp from 1V to 2.2V, the internal
current limit is also ramped at a proportional linear rate.
The current limits begins near 40% maximum load at
VRUN/SS = 1V and ends at maximum load at VRUN/SS =
2.2V. The output current thus ramps up slowly, reducing
the starting surge current required from the input power
supply. If the RUN/SS has been pulled all the way to
ground, there will be a delay before the current limit starts
increasing and is given by:
tDELAY ≈ CSS/ICHG
where ICHG ≅ 1µA. Pulling the RUN/SS pin below 0.5V
puts the LTC1771 into a low quiescent current shutdown
(IQ < 2µA).
Foldback Current Limiting
As described in the Catch Diode Selection, the worst-case
dissipation for diode occurs with a short-circuit output,
when the diode conducts the current limit value almost
continuously. In most applications this will not cause
excessive heating, even for extended fault intervals. How-
ever, when heat sinking is at a premium or higher forward
voltage drop diodes are being used, foldback current
limiting should be added to reduce the current in propor-
tion to the severity of the fault.
Foldback current limiting is implemented by adding two
diodes in series between the output and the ITH pin as
shown in the Functional Diagram. In a hard short (VOUT =
0V) the current will be reduced to approximately 25% of
the maximum output current.
VFB
R2
CFF
5pF
R1
VOUT
1771 F02
LTC1771
GND
Figure 2. LTC1771 Adjustable Configuaration
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com