Electronic Components Datasheet Search
  English  ▼

X  

UPD77019 Datasheet(PDF) 43 Page - NEC

Part # UPD77019
Description  16 bits, Fixed-point Digital Signal Processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77019 Datasheet(HTML) 43 Page - NEC

Back Button UPD77019 Datasheet HTML 39Page - NEC UPD77019 Datasheet HTML 40Page - NEC UPD77019 Datasheet HTML 41Page - NEC UPD77019 Datasheet HTML 42Page - NEC UPD77019 Datasheet HTML 43Page - NEC UPD77019 Datasheet HTML 44Page - NEC UPD77019 Datasheet HTML 45Page - NEC UPD77019 Datasheet HTML 46Page - NEC UPD77019 Datasheet HTML 47Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
µPD77018A, 77019
43
Serial Interface
Required Timing Condition
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCK input cycle time
tcSC
2tcC
ns
SCK input high/low level width
twSC
25
ns
SCK input rise/fall time
trfSC
20
ns
SOEN recovery time
trecSOE
20
ns
SOEN hold time
thSOE
0ns
SIEN recovery time
trecSIE
20
ns
SIEN hold time
thSIE
0ns
SI setup time
tsuSI
20
ns
SI hold time
thSI
0ns
Switching Characteristics
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SORQ output delay time
tdSOR
30
ns
SORQ hold time
thSOR
0ns
SO valid time
tvSO
30
ns
SO hold time
thSO
0ns
SIAK output delay time
tdSIA
30
ns
SIAK hold time
thSIA
0ns
Notes for Serial Clock
Serial clock inputs SCK1 and SCK2 are sensitive to any kind of interfering signals (noise on power supply,
induced voltage, etc.). Spurious signals can cause malfunction of the device. Special care for the serial clock
design should be taken. Careful grounding, decoupling and short wiring of SCK1 and SCK2 are recommended.
Intersection of SCK1 and SCK2 with other serial interface lines or close wiring to lines carrying high frequency
signals or large changing currents should be avoided.
It considers for the serial clock to make a waveform stable especially about the rising and falling.
Example 1. good example
Straight rising form and falling
form
Example 2. no good example
It doesn’t bound. It doesn’t make
noise one above another.
Example 3. no good example
It doesn’t make a stair stepping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com