Electronic Components Datasheet Search
  English  ▼

X  

UPD77019 Datasheet(PDF) 22 Page - NEC

Part # UPD77019
Description  16 bits, Fixed-point Digital Signal Processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77019 Datasheet(HTML) 22 Page - NEC

Back Button UPD77019 Datasheet HTML 18Page - NEC UPD77019 Datasheet HTML 19Page - NEC UPD77019 Datasheet HTML 20Page - NEC UPD77019 Datasheet HTML 21Page - NEC UPD77019 Datasheet HTML 22Page - NEC UPD77019 Datasheet HTML 23Page - NEC UPD77019 Datasheet HTML 24Page - NEC UPD77019 Datasheet HTML 25Page - NEC UPD77019 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
µPD77018A, 77019
22
2.4.3
Data Memory Addressing
There are following two types of data memory addressing.
• Direct addressing
The address is specified in the instruction field.
• Indirect addressing
The address is specified by the data pointer (DP). DP can get a bit reverse before addressing. It can
update the DP value after accessing data memory.
2.5
On-chip Peripheral Circuit
The
µPD77018A includes serial interface, host interface, general input/output ports and wait cycle registers.
They are mapped in both X and Y memory areas, and are accessed as memory mapped I/O by the
µPD77018A
CPU.
2.5.1
Serial Interface Outline
The
µPD77018A has 2 channel serial interfaces. Serial I/O clock must be provided from external. Frame
length can be programmed independently to be 8 bits or 16 bits. MSB first or LSB first can also be selected.
Data is input/output by hand shaking for an external device, and by interrupts, polling or wait function in internal.
2.5.2
Host Interface Outline
The
µPD77018A has 8 bits parallel ports as host interface to input/output data to and from host CPU and DMA
controller. When an external device accesses host interface, HA0 and HA1 pins; which are host address input
pins; specifies bit 15 to bit 8 and bit 7 to bit 0. The
µPD77018A includes 3 registers consisting of 16 bits, which
are dedicated for input data, output data and status. The
µPD77018A has three types of interface method for
internal and external data; interrupts, polling and wait function.
2.5.3
General Input/output Ports Outline
General input/output ports consist of 4 bits. User can set each port as input or output. The
µPD77018A
includes two registers. One is 4 bits register for input/output data, and the other is 16 bits for control.
2.5.4
Wait Cycle Register
The wait cycle registers consist of 16 bits. It is used to set wait cycle number when external memory is
accessed. When external data memory area (C000H - FFFFH) is accessed, 0, 1, 3, or 7 wait cycle can be set.
When external data memory area is accessed, wait cycle can be also set by WAIT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com