Electronic Components Datasheet Search
  English  ▼

X  

UPD77019 Datasheet(PDF) 53 Page - NEC

Part # UPD77019
Description  16 bits, Fixed-point Digital Signal Processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77019 Datasheet(HTML) 53 Page - NEC

Back Button UPD77019 Datasheet HTML 48Page - NEC UPD77019 Datasheet HTML 49Page - NEC UPD77019 Datasheet HTML 50Page - NEC UPD77019 Datasheet HTML 51Page - NEC UPD77019 Datasheet HTML 52Page - NEC UPD77019 Datasheet HTML 53Page - NEC UPD77019 Datasheet HTML 54Page - NEC UPD77019 Datasheet HTML 55Page - NEC UPD77019 Datasheet HTML 56Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
µPD77018A, 77019
53
5.
PACKAGE DRAWING
100 PIN PLASTIC TQFP (FINE PITCH) (
14)
ITEM
MILLIMETERS
INCHES
A
NOTE
Each lead centerline is located within 0.10 mm (0.004 inch) of
its true position (T.P.) at maximum material condition.
A
16.0±0.2
0.630±0.008
B
14.0±0.2
0.551+0.009
–0.008
C
14.0±0.2
0.551+0.009
–0.008
S100GC-50-9EU-1
S
1.27 MAX.
0.050 MAX.
K
1.0±0.2
0.039+0.009
–0.008
L
0.5±0.2
0.020+0.008
–0.009
M
0.145
0.006±0.002
N
0.10
0.004
P
1.0±0.1
0.039+0.005
–0.004
Q
0.1±0.05
0.004±0.002
+0.055
–0.045
B
J
H
I
G
N
L
K
R3°
3°
+7°
–3°
+7°
–3°
detail of lead end
M
75
76
50
26
25
51
100
1
D
F
1.0
16.0±0.2
0.630±0.008
0.039
G
1.0
0.039
H
0.22
0.009±0.002
I
J
0.5 (T.P.)
0.10
0.004
0.020 (T.P.)
+0.05
–0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com