Electronic Components Datasheet Search
  English  ▼

X  

LTC1929C Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1929C
Description  2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1929C Datasheet(HTML) 4 Page - Linear Technology

  LTC1929C Datasheet HTML 1Page - Linear Technology LTC1929C Datasheet HTML 2Page - Linear Technology LTC1929C Datasheet HTML 3Page - Linear Technology LTC1929C Datasheet HTML 4Page - Linear Technology LTC1929C Datasheet HTML 5Page - Linear Technology LTC1929C Datasheet HTML 6Page - Linear Technology LTC1929C Datasheet HTML 7Page - Linear Technology LTC1929C Datasheet HTML 8Page - Linear Technology LTC1929C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1929
PI FU CTIO S
ELECTRICAL CHARACTERISTICS
Note 3: The LTC1929 is tested in a feedback loop that servos VITH to a
specified voltage and measures the resultant VEAIN.
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 5: When the AMPMD pin is high, the IC pins are connected directly to
the internal op amp inputs. When the AMPMD pin is low, internal MOSFET
switches connect four 40k resistors around the op amp to create a
standard unity-gain differential amp.
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1929CG: TJ = TA + (PD • 95°C/W)
RUN/SS (Pin 1): Combination of Soft-Start, Run Control
Input and Short-Circuit Detection Timer. A capacitor to
ground at this pin sets the ramp time to full current output.
Forcing this pin below 0.8V causes the IC to shut down all
internal circuitry. All functions are disabled in shutdown.
SENSE1+, SENSE2+ (Pins 2,14): The (+) Input to the
Differential Current Comparators. The ITH pin voltage and
built-in offsets between SENSE– and SENSE+ pins in
conjunction with RSENSE set the current trip threshold.
SENSE1–, SENSE2– (Pins 3, 13): The (–) Input to the
Differential Current Comparators.
EAIN (Pin 4): Input to the Error Amplifier that compares
the feedback voltage to the internal 0.8V reference voltage.
This pin is normally connected to a resistive divider from
the output of the differential amplifier (DIFFOUT).
PLLFLTR (Pin 5): The Phase-Locked Loop’s Low Pass
Filter is tied to this pin. Alternatively, this pin can be driven
with an AC or DC voltage source to vary the frequency of
the internal oscillator.
PLLIN (Pin 6): External Synchronization Input to Phase
Detector. This pin is internally terminated to SGND with
50k
Ω. The phase-locked loop will force the rising top gate
signal of controller 1 to be synchronized with the rising
edge of the PLLIN signal.
NC (Pins 7, 28): Not connected.
ITH (Pin 8): Error Amplifier Output and Switching Regula-
tor Compensation Point. Both current comparator’s thresh-
olds increase with this control voltage. The normal voltage
range of this pin is from 0V to 2.4V
SGND (Pin 9): Signal Ground, common to both control-
lers, must be routed separately from the input switched
current ground path to the common (–) terminal(s) of the
COUT capacitor(s).
VDIFFOUT (Pin 10): Output of a Differential Amplifier that
provides true remote output voltage sensing. This pin
normally drives an external resistive divider that sets the
output voltage.
VOS–, VOS+ (Pins 11, 12): Inputs to an Operational Ampli-
fier. Internal precision resistors capable of being elec-
tronically switched in or out can configure it as a differen-
tial amplifier or an uncommitted Op Amp.
AMPMD (Pin 15): This Logic Input pin controls the
connections of internal precision resistors that configure
the operational amplifier as a unity-gain differential ampli-
fier.
TG2, TG1 (Pins 16, 27): High Current Gate Drives for Top
N-Channel MOSFETS. These are the outputs of floating
drivers with a voltage swing equal to INTVCC superim-
posed on the switch node voltage SW.
SW2, SW1 (Pins 17, 26): Switch Node Connections to
Inductors. Voltage swing at these pins is from a Schottky
diode (external) voltage drop below ground to VIN.
BOOST2, BOOST1 (Pins 18, 25): Bootstrapped Supplies
to the Topside Floating Drivers. Capacitors are connected
between the Boost and Switch pins, and Schottky diodes
are tied between the Boost and INTVCC pins.
BG2, BG1 (Pins 19, 23): Voltage Swing High Current Gate
Drives for Bottom Synchronous N-Channel MOSFETS.
Voltage swing at these pins is from ground to INTVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com