Electronic Components Datasheet Search
  English  ▼

X  

LTC1929C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1929C
Description  2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1929C Datasheet(HTML) 5 Page - Linear Technology

  LTC1929C Datasheet HTML 1Page - Linear Technology LTC1929C Datasheet HTML 2Page - Linear Technology LTC1929C Datasheet HTML 3Page - Linear Technology LTC1929C Datasheet HTML 4Page - Linear Technology LTC1929C Datasheet HTML 5Page - Linear Technology LTC1929C Datasheet HTML 6Page - Linear Technology LTC1929C Datasheet HTML 7Page - Linear Technology LTC1929C Datasheet HTML 8Page - Linear Technology LTC1929C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1929
PI FU CTIO S
FU CTIO AL DIAGRA
PGND (Pin 20): Driver Power Ground. Connects to sources
of bottom N-channel MOSFETS and the (–) terminals of
CIN.
INTVCC (Pin 21): Output of the Internal 5V Linear Low
Dropout Regulator and the EXTVCC Switch. The driver and
control circuits are powered from this voltage source.
Decouple to power ground with a 1
µF ceramic capacitor
placed directly adjacent to the IC and minimum of 4.7
µF
additional tantalum or other low ESR capacitor.
EXTVCC (Pin 22): External Power Input to an Internal
Switch . This switch closes and supplies INTVCC, bypass-
ing the internal low dropout regulator whenever EXTVCC is
higher than 4.7V. See EXTVCC Connection in the Applica-
tions Information section. Do not exceed 7V on this pin
and ensure VEXTVCC ≤ VINTVCC.
VIN (Pin 24): Main Supply Pin. Should be closely decoupled
to the IC’s signal ground pin.
SWITCH
LOGIC
0.8V
4.7V
5V
VIN
VIN
A1
CLK2
CLK1
+
–
+
–
–
+
VREF
INTERNAL
SUPPLY
EXTVCC
INTVCC
SGND
+
5V
LDO
REG
SW
SHDN
TOP
BOOST
TG
CB
CIN
DB
PGND
BOT
BG
INTVCC
INTVCC
VIN
+
VOUT
1929 FBD
R1
EAIN
DROP
OUT
DET
RUN
SOFT
START
BOT
FORCE BOT
S
R
Q
Q
OSCILLATOR
PLLLPF
50k
EA
0.86V
0.80V
OV
VFB
1.2
µA
6V
VIN
R2
–
+
RC
4(VFB)
SHDN
RUN/SS
ITH
CC
CSS
4(VFB)
SLOPE
COMP
+
–
SENSE–
SENSE+
INTVCC
30k
45k
2.4V
45k
30k
I1
AMPMD
DIFFOUT
0V POSITION
PHASE DET
PLLIN
DUPLICATE FOR
SECOND CHANNEL
+
–
RSENSE
L
COUT
VOS
+
VOS
–
FIN
RLP
CLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com