Electronic Components Datasheet Search
  English  ▼

X  

LTC1929C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1929C
Description  2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1929C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1929C Datasheet HTML 2Page - Linear Technology LTC1929C Datasheet HTML 3Page - Linear Technology LTC1929C Datasheet HTML 4Page - Linear Technology LTC1929C Datasheet HTML 5Page - Linear Technology LTC1929C Datasheet HTML 6Page - Linear Technology LTC1929C Datasheet HTML 7Page - Linear Technology LTC1929C Datasheet HTML 8Page - Linear Technology LTC1929C Datasheet HTML 9Page - Linear Technology LTC1929C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1929
OPERATIO
(Refer to Functional Diagram)
Main Control Loop
The LTC1929 uses a constant frequency, current mode
step-down architecture with inherent current sharing.
During normal operation, the top MOSFET is turned on
each cycle when the oscillator sets the RS latch, and
turned off when the main current comparator, I1, resets
the RS latch. The peak inductor current at which I1 resets
the RS latch is controlled by the voltage on the ITH pin,
which is the output of the error amplifier EA. The differen-
tial amplifier, A1, produces a signal equal to the differential
voltage sensed across the output capacitor but re-refer-
ences it to the internal signal ground (SGND) reference.
The EAIN pin receives a portion of this voltage feedback
signal at the DIFFOUT pin which is compared to the
internal reference voltage by the EA. When the load current
increases, it causes a slight decrease in the EAIN pin
voltage relative to the 0.8V reference, which in turn causes
the ITH voltage to increase until the average inductor
current matches the new load current. After the top
MOSFET has turned off, the bottom MOSFET is turned on
for the rest of the period.
The top MOSFET drivers are biased from floating boot-
strap capacitor CB, which normally is recharged during
each off cycle through an external Schottky diode. When
VIN decreases to a voltage close to VOUT, however, the loop
may enter dropout and attempt to turn on the top MOSFET
continuously. A dropout detector detects this condition
and forces the top MOSFET to turn off for about 400ns
every 10th cycle to recharge the bootstrap capacitor.
The main control loop is shut down by pulling Pin 1 (RUN/
SS) low. Releasing RUN/SS allows an internal 1.2
µA
current source to charge soft-start capacitor CSS. When
CSS reaches 1.5V, the main control loop is enabled with the
ITH voltage clamped at approximately 30% of its maximum
value. As CSS continues to charge, ITH is gradually re-
leased allowing normal operation to resume. When the
RUN/SS pin is low, all LTC1929 functions are shut down.
If VOUT has not reached 70% of its nominal value when CSS
has charged to 4.1V, an overcurrent latchoff can be
invoked as described in the Applications Information
section.
Low Current Operation
The LTC1929 operates in a continuous, PWM control
mode. The resulting operation at low output currents
optimizes transient response at the expense of substantial
negative inductor current during the latter part of the
period. The level of ripple current is determined by the
inductor value, input voltage, output voltage, and fre-
quency of operation.
Frequency Synchronization
The phase-locked loop allows the internal oscillator to be
synchronized to an external source via the PLLIN pin. The
output of the phase detector at the PLLFLTR pin is also the
DC frequency control input of the oscillator that operates
over a 140kHz to 310kHz range corresponding to a DC
voltage input from 0V to 2.4V. When locked, the PLL aligns
the turn on of the top MOSFET to the rising edge of the
synchronizing signal. When PLLIN is left open, the PLLFLTR
pin goes low, forcing the oscillator to minimum frequency.
Input capacitance ESR requirements and efficiency losses
are substantially reduced because the peak current drawn
from the input capacitor is effectively divided by two and
power loss is proportional to the RMS current squared. A
two stage, single output voltage implementation can re-
duce input path power loss by 75% and radically reduce
the required RMS current rating of the input capacitor(s).
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
of the IC circuitry is derived from INTVCC. When the
EXTVCC pin is left open, an internal 5V low dropout
regulator supplies INTVCC power. If the EXTVCC pin is
taken above 4.7V, the 5V regulator is turned off and an
internal switch is turned on connecting EXTVCC to INTVCC.
This allows the INTVCC power to be derived from a high
efficiency external source such as the output of the regu-
lator itself or a secondary winding, as described in the
Applications Information section. An external Schottky
diode can be used to minimize the voltage drop from
EXTVCC to INTVCC in applications requiring greater than
the specified INTVCC current. Voltages up to 7V can be
applied to EXTVCC for additional gate drive capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com