Electronic Components Datasheet Search
  English  ▼

X  

LTC1986 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1986
Description  3V/5V SIM Power Supply in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1986 Datasheet(HTML) 1 Page - Linear Technology

  LTC1986 Datasheet HTML 1Page - Linear Technology LTC1986 Datasheet HTML 2Page - Linear Technology LTC1986 Datasheet HTML 3Page - Linear Technology LTC1986 Datasheet HTML 4Page - Linear Technology LTC1986 Datasheet HTML 5Page - Linear Technology LTC1986 Datasheet HTML 6Page - Linear Technology LTC1986 Datasheet HTML 7Page - Linear Technology LTC1986 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1986
s
VIN Range: 2.6V to 4.4V
s
Step-Up Charge Pump Generates 5V
s
Output Current: 10mA
s
VIN to VOUT Direct Connection for 3V SIMs
s
Ultralow Power
Operating Current: 14
µA
Shutdown Current: <1
µA
s
No Inductors
s
Short-Circuit/Thermal Protected
s
Switching Frequency: 900kHz
s
Soft-Start Limits Inrush Current at Turn-On
s
Output Driven to Ground During Shutdown
s
Ultrasmall Application Circuit (< 0.045in2)
s
6-Lead SOT-23 Package
The LTC
®1986 is a micropower charge pump DC/DC
converter that provides power for either 3V or 5V GSM
SIM cards. It operates in one of three modes: VOUT = 5V
(5V mode), VOUT = VIN (3V mode) or shutdown. The input
voltage range is 2.6V to 4.4V and the part can provide
10mA of output current. The LTC1986 allows VIN to drop
as low as 2.6V by providing a boost feature in 3V mode. In
3V mode, VOUT is connected directly to VIN through a 2.5Ω
switch until VIN drops below 2.85V. When VIN is below
2.85V, the part automatically boosts VOUT to maintain a
regulated 2.9V output, thereby ensuring VOUT stays within
the 3V SIM VCC specification.
Extremely low operating current (14
µA typical with no
load) and low external parts count make the part ideally
suited for small, light load battery-powered applications.
The total PCB area of the application circuit shown below
is less than 0.045in2. Protection features include inrush
current limiting, undervoltage lockout, short circuit and
thermal overload protection. The LTC1986 is available in
a 6-lead SOT-23 package.
s
GSM Cellular Telephones
s
PCS/DCS Cellular Telephones
s
Portable POS Terminals
3V/5V SIM Power Supply
in SOT-23
, LTC and LT are registered trademarks of Linear Technology Corporation.
VOUT
GND
MODE
VIN
C1+
C1–
1
2
3
6
5
4
VOUT = 5V
OR VIN
GSM
CONTROLLER
2.2
µF
0.047
µF
0.1
µF
VIN = 2.6V TO 4.4V
LTC1986
750k
1M
3/5
SHDN
1986 TA01
SHDN
0
0
1
1
3/5
0
1
0
1
MODE
SHUTDOWN
SHUTDOWN
VOUT = 5V
VOUT = VIN
3V/5V SIM Power Supply
INPUT VOLTAGE (V)
2.5
4
5
4.5
1986 TA02
3
2
3.0
3.5
4.0
6
TA = 25°C
IOUT = 10mA
5V MODE
3V MODE
(VOUT = VIN)
Output Voltage vs Input Voltage
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC1986

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1986 LINER-LTC1986 Datasheet
162Kb / 8P
3V/5V SIM Power Supply in ThinSOT
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
3V/5V SIM Power Supply in ThinSOT
More results

Similar Description - LTC1986

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
SOT-23 POWER SUPPLY RESET MONITOR
logo
Analog Devices
AD5060 AD-AD5060 Datasheet
829Kb / 17P
Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
Regulated 5V Charge Pump In SOT-23
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
Regulated 5V Charge Pump In SOT-23
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
1.8V/3V SIM Card Power Supply With Level Translator
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
1.8V/3V SIM Card Power Supply With Level Translator
logo
Maxim Integrated Produc...
M24308-2-13 MAXIM-M24308-2-13 Datasheet
157Kb / 8P
3V to 5V Regulating Charge Pumps for SIM Cards
Rev 1; 12/98
logo
Linear Technology
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
3V/5V SIM Power Supply in ThinSOT
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com