Electronic Components Datasheet Search
  English  ▼

X  

LTC1986 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1986
Description  3V/5V SIM Power Supply in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1986 Datasheet(HTML) 6 Page - Linear Technology

  LTC1986 Datasheet HTML 1Page - Linear Technology LTC1986 Datasheet HTML 2Page - Linear Technology LTC1986 Datasheet HTML 3Page - Linear Technology LTC1986 Datasheet HTML 4Page - Linear Technology LTC1986 Datasheet HTML 5Page - Linear Technology LTC1986 Datasheet HTML 6Page - Linear Technology LTC1986 Datasheet HTML 7Page - Linear Technology LTC1986 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1986
Output Ripple
Normal 5V mode operation produces voltage ripple on the
VOUT pin. Output voltage ripple is required for regulation.
Low frequency ripple exists due to the hysteresis in the
sense comparator and propagation delays in the charge
pump enable/disable circuits. High frequency ripple is
also present mainly from the ESR (equivalent series resis-
tance) in the output capacitor. Typical output ripple with
VIN = 3V under maximum load is 75mVP-P with a low ESR
2.2
µF output capacitor and a 0.047µF C1 capacitor. For
applications requiring VIN to exceed 3.3V or for applica-
tions requiring < 75mV of peak-to-peak ripple, a 3.3
µF to
10
µF COUT capacitor is recommended. Slight further de-
creases in output ripple can be achieved by using COUT
capacitors larger than 10
µF.
APPLICATIONS INFORMATION
Protection Features
The LTC1986 provides several protection features.
Undervoltage lockout prevents any current from flowing
between VIN and VOUT until the VIN voltage
exceeds 1.4V (typ). This prevents undesirable glitches
during power-up. The parts also limit inrush current
during power-up to under 200mA regardless of VIN volt-
age, operating mode and output load by disabling the main
direct connect switch (3V mode) or the charge pump
(5V mode) and enabling a 50
Ω series switch between VIN
and VOUT until VOUT reaches VIN/2. The parts are also
short-circuit protected and can survive an indefinite short
from VOUT to GND regardless of operating mode or input
voltage. In the event of thermal overload, the parts will
enter thermal shutdown if the junction temperature
exceeds 165
°C and return to normal operation once the
junction temperature drops to 150
°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com