Electronic Components Datasheet Search
  English  ▼

X  

LTC1986 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1986
Description  3V/5V SIM Power Supply in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1986 Datasheet(HTML) 4 Page - Linear Technology

  LTC1986 Datasheet HTML 1Page - Linear Technology LTC1986 Datasheet HTML 2Page - Linear Technology LTC1986 Datasheet HTML 3Page - Linear Technology LTC1986 Datasheet HTML 4Page - Linear Technology LTC1986 Datasheet HTML 5Page - Linear Technology LTC1986 Datasheet HTML 6Page - Linear Technology LTC1986 Datasheet HTML 7Page - Linear Technology LTC1986 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1986
VOUT (Pin 1): Charge Pump Output. The VOUT voltage will
depend on the MODE pin input voltage. VOUT = 0V in
shutdown mode, VOUT = VIN in 3V mode and VOUT = 5V in
5V mode. The LTC1986 provides a 2.9V regulated output
when the part is in 3V mode and the VIN voltage is below
2.85V. This feature allows the input voltage to be below the
minimum voltage specification for 3V SIM cards without
violating the SIM VCC specification. Bypass the VOUT pin
with a
≥ 2.2µF low ESR capacitor to ground.
GND (Pin 2): Ground. Connect to a ground plane for best
performance.
MODE (Pin 3): MODE Input Pin. The voltage on this pin
determines the operating mode of the LTC1986. It oper-
ates in either shutdown mode, 3V mode or 5V mode
depending on the MODE pin voltage with respect to VIN.
PIN FUNCTIONS
The three different modes can be realized by using two
external resistors as shown in the typical application
circuit. If VMODE < VIN/2 – 0.1V, the part is in shutdown
mode.If VIN/2 + 0.1V < VMODE < VIN – 1V, the part is in 5V
mode. If VIN – 0.25V < VMODE, the part is in 3V mode. To
achieve the lowest possible shutdown current, the MODE
pin should be pulled to 0V, i.e., both the SHDN and 3/5
signals from the controller should be pulled low.
C1– (Pin 4): Charge Pump Flying Capacitor Negative
Terminal.
C1+ (Pin 5): Charge Pump Flying Capacitor Positive
Terminal.
VIN (Pin 6): Input Supply Voltage. Bypass VIN with a
≥ 0.1µF low ESR capacitor to ground.
SI
PLIFIED BLOCK DIAGRA
3V
5V
SHDN
+
–
MODE
6
3
VIN
VOUT
VIN – 0.6V
VIN/2
1.25V
LOGIC
UVLO/
THERMAL
SHDN
CHARGE
PUMP
900kHz
OSC
2.9V BOOST
3V MODE
SOFT START
50
Ω
5V MODE
C1–
C1+
1.25V
REF
SHDN
GND
1986 BD
LTC1986
2.5
Ω
45
1
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com