Electronic Components Datasheet Search
  English  ▼

X  

LTC2410 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2410
Description  24-Bit No Latency ADC with Differential Input and Differential Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2410 Datasheet HTML 28Page - Linear Technology LTC2410 Datasheet HTML 29Page - Linear Technology LTC2410 Datasheet HTML 30Page - Linear Technology LTC2410 Datasheet HTML 31Page - Linear Technology LTC2410 Datasheet HTML 32Page - Linear Technology LTC2410 Datasheet HTML 33Page - Linear Technology LTC2410 Datasheet HTML 34Page - Linear Technology LTC2410 Datasheet HTML 35Page - Linear Technology LTC2410 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
LTC2410
32
APPLICATIO S I FOR ATIO
BRIDGE APPLICATIONS
Typical strain gauge based bridges deliver only 2mV/Volt
of excitation. As the maximum reference voltage of the
LTC2410 is 5V, remote sensing of applied excitation
without additional circuitry requires that excitation be
limited to 5V. This gives only 10mV full scale, which can
be resolved to 1 part in 10000 without averaging. For many
solid state sensors, this is still better than the sensor. For
example, averaging 64 samples however reduces the
noise level by a factor of eight, bringing the resolving
power to 1 part in 80000, comparable to better weighing
systems. Hysteresis and creep effects in the load cells are
typically much greater than this. Most applications that
require strain measurements to this level of accuracy are
measuring slowly changing phenomena, hence the time
required to average a large number of readings is usually
not an issue. For those systems that require accurate
measurement of a small incremental change on a signifi-
cant tare weight, the lack of history effects in the LTC2400
family is of great benefit.
For those applications that cannot be fulfilled by the
LTC2410 alone, compensating for error in external ampli-
fication can be done effectively due to the “no latency”
feature of the LTC2410. No latency operation allows
samples of the amplifier offset and gain to be interleaved
with weighing measurements. The use of correlated double
sampling allows suppression of 1/f noise, offset and
thermocouple effects within the bridge. Correlated double
sampling involves alternating the polarity of excitation and
dealing with the reversal of input polarity mathematically.
Alternatively, bridge excitation can be increased to as
much as
±10V, if one of several precision attenuation
Figure 45. Actual Frequency Rate LTC2410 System
CS1
CS2
CS3
2410 F45
CS4
SCK
31 OR LESS
CLOCK PULSES
SDO
LTC2410
#1
SCK
SDO
CS1
CS2
CS3
CS4
LTC2410
#2
LTC2410
#3
LTC2410
#4
µCONTROLLER
EXTERNAL OSCILLATOR
(153,600HZ)
VREF+
VREF–
VCC
REF+
REF –
IN+
IN –
GND
FO
SCK
SDO
CS
VCC
REF+
REF –
IN+
IN –
GND
FO
SCK
SDO
CS
VCC
REF+
REF –
IN+
IN –
GND
FO
SCK
SDO
CS
VCC
REF+
REF –
IN+
IN –
GND
FO
SCK
SDO
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com