Electronic Components Datasheet Search
  English  ▼

X  

LTC2410 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC2410
Description  24-Bit No Latency ADC with Differential Input and Differential Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC2410 Datasheet HTML 31Page - Linear Technology LTC2410 Datasheet HTML 32Page - Linear Technology LTC2410 Datasheet HTML 33Page - Linear Technology LTC2410 Datasheet HTML 34Page - Linear Technology LTC2410 Datasheet HTML 35Page - Linear Technology LTC2410 Datasheet HTML 36Page - Linear Technology LTC2410 Datasheet HTML 37Page - Linear Technology LTC2410 Datasheet HTML 38Page - Linear Technology LTC2410 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
LTC2410
35
APPLICATIO S I FOR ATIO
reference inputs do not have the same rejection. If 60Hz or
other noise is present on the reference input, a low pass
filter is recommended as shown in Figure 50. Note that you
cannot place a large capacitor directly at the junction of R1
and R2, as it will store charge from the sampling process.
A better approach is to produce a low pass filter decoupled
from the input lines with a high value resistor (R3).
The use of a third resistor in the half bridge, between the
variable and fixed elements gives essentially the same
result as the two resistor version, but has a few benefits.
If, for example, a 25k reference resistor is used to set the
excitation current with a 100
Ω RTD, the negative refer-
ence input is sampling the same external node as the
positive input, but may result in errors if used with a long
cable. For short cable applications, the errors may be
acceptalby low. If instead the single 25k resistor is re-
placed with a 10k 5% and a 10k 0.1% negative reference
resistor, the noise level introduced at the reference, at
least at higher frequencies, will be reduced. A filter can be
introduced into the network, in the form of one or more
capacitors, or ferrite beads, as long as the sampling pulses
are not translated into an error. The reference voltage is
also reduced, but this is not undesirable, as it will decrease
the value of the LSB, although, not the input referred noise
level.
The circuit shown in Figure 50 shows a more rigorous
example of Figure 49, with increased noise suppression
and more protection for remote applications.
Figure 51 shows an example of gain in the excitation circuit
and remote feedback from the bridge. The LTC1043’s
provide voltage multiplication, providing
±10V from a 5V
reference with only 1ppm error. The amplifiers are used at
unity-gain and, hence, introduce a very little error due to
gain error or due to offset voltages. A 1
µV/°Coffsetvoltage
drift translates into 0.05ppm/
°C gain error. Simpler alter-
natives, with the amplifiers providing gain using resistor
arrays for feedback, can produce results that are similar to
bridge sensing schemes via attenuators. Note that the
amplifiers must have high open-loop gain or gain error will
be a source of error. The fact that input offset voltage has
relatively little effect on overall error may lead one to use
low performance amplifiers for this application. Note that
the gain of a device such as an LF156, (25V/mV over
temperature) will produce a worst-case error of –180ppm
at a noise gain of 3, such as would be encountered in an
inverting gain of 2, to produce –10V from a 5V reference.
Figure 48. Bridge Amplification Using a Single Amplifier
0.1
µF
5V
REF+
REF–
IN+
IN–
GND
VCC
3
3
2
4
6
7
4
350
Ω
BRIDGE
5
6
2410 F48
1, 7, 8, 9,
10, 15, 16
2
LTC2410
–
+
LTC1050S8
5V
0.1
µV
R2
46.4k
20k
20k
175
Ω
1
µF
10
µF
R1
4.98k
()
AV = 9.98 1 +
46.4k
4.99k + 175
Ω
+
+
1
µF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com