Electronic Components Datasheet Search
  English  ▼

X  

LTC2410 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC2410
Description  24-Bit No Latency ADC with Differential Input and Differential Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC2410 Datasheet HTML 34Page - Linear Technology LTC2410 Datasheet HTML 35Page - Linear Technology LTC2410 Datasheet HTML 36Page - Linear Technology LTC2410 Datasheet HTML 37Page - Linear Technology LTC2410 Datasheet HTML 38Page - Linear Technology LTC2410 Datasheet HTML 39Page - Linear Technology LTC2410 Datasheet HTML 40Page - Linear Technology LTC2410 Datasheet HTML 41Page - Linear Technology LTC2410 Datasheet HTML 42Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
LTC2410
38
APPLICATIO S I FOR ATIO
Figure 52. Use Resistor Arrays to Provide Precise Matching in Excitation Amplifier
Figure 53. Use a Differential Multiplexer to Expand Channel Capability
C1
0.1
µF
15V
3
1
2
3
2
1
6
5
4
–
+
REF+
REF–
IN+
IN–
GND
VCC
3
4
5
6
1, 7, 8, 9,
10, 15, 16
2410 F52
2
LTC2410
LT1236-5
RN1
10k
22
Ω
10V
350
Ω BRIDGE
TWO ELEMENTS
VARYING
RN1
10k
Q1
2N3904
1/2
LT1112
C2
0.1
µF
15V
–5V
–15V
–15V
6
7
5
8
7
+
–
RN1
10k
RN1 IS CADDOCK T914 10K-010-02
Q2, Q3
2N3904
×2
1/2
LT1112
RN1
10k
33
Ω
×2
C3
47
µF
C1
0.1
µF
5V
5V
8
4
20
Ω
20
Ω
+
2410 F53
REF+
REF–
IN+
IN–
1, 7, 8
A0
A1
LTC2410
VCC
GND
13
3
6
12
47
µF
14
1
5
10
16
5V
15
11
2
TO OTHER
DEVICES
4
9
8
5V
+
74HC4052



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com