Electronic Components Datasheet Search
  English  ▼

X  

RH1078M Datasheet(PDF) 1 Page - Linear Technology

Part # RH1078M
Description  Micropower, Dual, Single Supply Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1078M Datasheet(HTML) 1 Page - Linear Technology

  RH1078M Datasheet HTML 1Page - Linear Technology RH1078M Datasheet HTML 2Page - Linear Technology RH1078M Datasheet HTML 3Page - Linear Technology RH1078M Datasheet HTML 4Page - Linear Technology RH1078M Datasheet HTML 5Page - Linear Technology RH1078M Datasheet HTML 6Page - Linear Technology RH1078M Datasheet HTML 7Page - Linear Technology RH1078M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
RH1078M
Micropower, Dual, Single Supply
Precision Op Amp
The RH1078M is a micropower dual op amp in the
standard 8-pin configuration. This device is optimized for
single supply operation at 5V. Specifications for
±15V are
also provided.
The wafer lots are processed to LTC’s in-house Class S
flow to yield circuits usable in stringent military applica-
tions.
DESCRIPTIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage .....................................................
±22V
Differential Input Voltage ......................................
±30V
Input Voltage ............... Equal to Positive Supply Voltage
............................... 0.5V Below Negative Supply Voltage
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range ............. – 55
°C to 125°C
Storage Temperature Range ................ – 55
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
PACKAGE/ORDER I FOR ATIO
BUR -I CIRCUIT
50k
100
Ω
50k
20V
–20V
(Each Amplifier)
TOTAL DOSE BIAS CIRCUIT
TOP VIEW
OUT B
OUT A
V+
–IN B
–IN A
+IN B
+IN A
V–
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
10k
10k
15V
8V
–15V
Note: For ordering information contact LTC.


Similar Part No. - RH1078M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
RH1078M AD-RH1078M Datasheet
235Kb / 8P
Micropower, Dual, Single Supply Precision Op Amp
Rev. I
logo
Linear Technology
RH1078M LINER-RH1078M_12 Datasheet
253Kb / 2P
RH1078M Micropower, Dual, Single-Supply Precision Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
Micropower, Dual, Single-Supply Precision Op Amp
More results

Similar Description - RH1078M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
Precision, Single Supply Op Amp?
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
Micropower, Single Supply, Precision Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
Single Supply, Dual Precision Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
June 28, 2007
logo
Linear Technology
LT1077 LINER-LT1077_1 Datasheet
301Kb / 16P
Micropower, Single Supply, Precision Op Amp
RH1078M LINER-RH1078M_12 Datasheet
253Kb / 2P
RH1078M Micropower, Dual, Single-Supply Precision Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
Single Supply, Dual Precision Op Amp
LT1077 LINER-LT1077_15 Datasheet
307Kb / 16P
Micropower, Single Supply, Precision Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
Micropower, Dual, Single-Supply Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com