Electronic Components Datasheet Search
  English  ▼

X  

RH1078M Datasheet(PDF) 4 Page - Linear Technology

Part # RH1078M
Description  Micropower, Dual, Single Supply Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1078M Datasheet(HTML) 4 Page - Linear Technology

  RH1078M Datasheet HTML 1Page - Linear Technology RH1078M Datasheet HTML 2Page - Linear Technology RH1078M Datasheet HTML 3Page - Linear Technology RH1078M Datasheet HTML 4Page - Linear Technology RH1078M Datasheet HTML 5Page - Linear Technology RH1078M Datasheet HTML 6Page - Linear Technology RH1078M Datasheet HTML 7Page - Linear Technology RH1078M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
RH1078M
TABLE 1A: ELECTRICAL CHARACTERISTICS (Postirradiation)
VS = 5V, 0V, VCM = 0.1V, V0 = 1.4V, TA = 25°C unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
MAX MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX UNITS
VOS
Input Offset Voltage
120
175
250
500
µV
IOS
Input Offset Current
2
8
13
18
nA
IB
Input Bias Current
20
40
80
100
nA
Input Voltage Range
3.5
3.5
3.5
3.5
V
CMRR
Common-Mode
VCM = 0V to 3.5V
91
89
87
85
dB
Rejection Ratio
PSRR
Power Supply
VS = 2.3V to 12V
100
100
98
88
dB
Rejection Ratio
AVOL
Large-Signal
VO = 0.03V to 4V, No Load
150
150
100
50
V/mV
Voltage Gain
VO = 0.03V to 3.5V, RL = 50k
120
50
20
10
V/mV
VOUT
Output Voltage
Output Low, No Load
6
9
13
20
mV
Swing
Output Low, 2k to GND
2
2
2
2
mV
Output Low, ISINK = 100µA
130
140
150
160
mV
Output High, No Load
4.2
4.2
4.2
4.2
V
Output High, 2k to GND
3.5
3.5
3.5
3.5
V
SR
Slew Rate
AV = 1, VS = ±2.5V
0.04
0.03
0.02
0.01
V/
µs
IS
Supply Current
per Amplifier
75
75
75
75
µA
100KRAD(Si)
75KRAD(Si)
50KRAD(Si)
25KRAD(Si)
10KRAD(Si)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com