Electronic Components Datasheet Search
  English  ▼

X  

RH1078M Datasheet(PDF) 6 Page - Linear Technology

Part # RH1078M
Description  Micropower, Dual, Single Supply Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1078M Datasheet(HTML) 6 Page - Linear Technology

  RH1078M Datasheet HTML 1Page - Linear Technology RH1078M Datasheet HTML 2Page - Linear Technology RH1078M Datasheet HTML 3Page - Linear Technology RH1078M Datasheet HTML 4Page - Linear Technology RH1078M Datasheet HTML 5Page - Linear Technology RH1078M Datasheet HTML 6Page - Linear Technology RH1078M Datasheet HTML 7Page - Linear Technology RH1078M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
RH1078M
TYPICAL APPLICATIONS
TABLE 2: ELECTRICAL TEST REQUIRE E TS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3,4,5,6
Group A Test Requirements (Method 5005)
1,2,3,4,5,6
Group C and D End Point Electrical Parameters
1,2,3
(Method 5005)
* PDA Applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1, tests
after cooldown as the final electrical test in accordance with method 5004 of
MIL-STD-883 Class B. The verified failures of group A, subgroup 1, after burn-
in divided by the total number of devices submitted for burn-in in that lot shall
be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits than
those given.
TOTAL DOSE-KRADs (Si)
1
0
500
1000
10
100
1000
1078M • G1
–500
–250
250
750
–750
–1000
Input Offset Voltage
TOTAL DOSE-KRADs (Si)
1
0
10
20
10
100
1000
1078M • G2
–10
–5
5
15
–15
–20
Input Offset Current
Common-Mode Rejection Ratio
TOTAL DOSE-KRADs (Si)
1
110
120
130
10
100
1000
1078M • G4
100
90
TOTAL DOSE-KRADs (Si)
1
–80
–40
0
10
100
1000
1078M • G3
–120
–100
–60
–20
–140
–160
Input Bias Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com