Electronic Components Datasheet Search
  English  ▼

X  

UPD78320 Datasheet(PDF) 32 Page - NEC

Part # UPD78320
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78320 Datasheet(HTML) 32 Page - NEC

Back Button UPD78320 Datasheet HTML 28Page - NEC UPD78320 Datasheet HTML 29Page - NEC UPD78320 Datasheet HTML 30Page - NEC UPD78320 Datasheet HTML 31Page - NEC UPD78320 Datasheet HTML 32Page - NEC UPD78320 Datasheet HTML 33Page - NEC UPD78320 Datasheet HTML 34Page - NEC UPD78320 Datasheet HTML 35Page - NEC UPD78320 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
32
µPD78320, 78322
Specifiable bit-wise for input/output.
Dual-function as pins
Also specifiable for realtime output port..
RTP0 to RTP7
Dual-function as pins NMI,
INTP0 to INTP5, INTP6/TI
Dual-function as pins
Port 3
5-bit input/output
Specifiable bit-wise for port pins or control pins.
TXD, RXD, SO/SB0, SI/SB1,
SCK
Specifiable in 8-bit units for input or output.
Port 4
8-bit input/output
Functions as the multiplexed address/data bus (AD0 to
––––––––
AD7) in the external memory expansion mode.
Specifiable bit-wise for input or output.
Functions as the address bus (A8 to A15) in the external
Port 5
8-bit input/output
memory expansion mode.
––––––––
Pins which are not used as the address bus can be used
as a port.
Input port pin. Also functions as analog input to the
Dual-function as pins
A/D converter.
AN0 to AN7
Dual-function as pins
Port 8
6-bit input/output
Specifiable bit-wise for the port pin or control pin.
TO00 to TO03, TO10 to
TO11
Specifiable bit-wise for input/output.
P90 and P91 function as RD output and WR output,
respectively, in the external memory expansion mode.
––––––––
P92 and P93 function as TAS output and TMD output,
respectively, in the external memory high-speed fetch
mode.
3.5
PORT FUNCTIONS
Table 3-1 lists the digital input/output ports.
Each port can carry out many control operations including 8 and other bit data input/output manipulations.
Table 3-1. Port Functions and Features
Port Name
Function
Feature
Remarks
Port 0
8-bit input/outpput
Port 2
8-bit input
Input port pin. Functions as an external interrupt input.
Port 7
8-bit input
Port 9
4-bit input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com