Electronic Components Datasheet Search
  English  ▼

X  

UPD78320 Datasheet(PDF) 47 Page - NEC

Part # UPD78320
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78320 Datasheet(HTML) 47 Page - NEC

Back Button UPD78320 Datasheet HTML 43Page - NEC UPD78320 Datasheet HTML 44Page - NEC UPD78320 Datasheet HTML 45Page - NEC UPD78320 Datasheet HTML 46Page - NEC UPD78320 Datasheet HTML 47Page - NEC UPD78320 Datasheet HTML 48Page - NEC UPD78320 Datasheet HTML 49Page - NEC UPD78320 Datasheet HTML 50Page - NEC UPD78320 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
47
µPD78320, 78322
5.
STANDBY FUNCTIONS
The
µPD78322 has the standby function to decrease the power consumption of the system. The following two modes
are available for execution of the standby function.
• HALT mode ........ Mode for halting the CPU operation clock. The total power consumption of the
system can be decreased by intermittent operation in combination with the normal
operating mode.
• STOP mode ....... Mode for stopping the whole system by stopping the oscillator. Considerably low
power consumption with leak current only can be set.
Each mode is set by the software. Figure 5-1 shows standby mode (STOP/HALT mode) transition.
Figure 5-1. Standby Status Transition
Normal
Status
STOP
HALT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com