Electronic Components Datasheet Search
  English  ▼

X  

UPD78320 Datasheet(PDF) 71 Page - NEC

Part # UPD78320
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78320 Datasheet(HTML) 71 Page - NEC

Back Button UPD78320 Datasheet HTML 67Page - NEC UPD78320 Datasheet HTML 68Page - NEC UPD78320 Datasheet HTML 69Page - NEC UPD78320 Datasheet HTML 70Page - NEC UPD78320 Datasheet HTML 71Page - NEC UPD78320 Datasheet HTML 72Page - NEC UPD78320 Datasheet HTML 73Page - NEC UPD78320 Datasheet HTML 74Page - NEC UPD78320 Datasheet HTML 75Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
71
µPD78320, 78322
A/D CONVERTER CHARACTERISTICS (TA = –10 to +70
°C, VDD = +5 V ±10 %, VSS = AVSS = 0 V,
VDD – 0.5 V
≤ AVDD ≤ VDD)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Resolution
10
bit
Total error Note 1
4.5 V
≤ AVREF ≤ AVDD
±0.4
%FSR
3.4 V
≤ AVREF ≤ AVDD
±0.7
%FSR
Quantization error
±1/2
LSB
Conversion time
tCONV
144
tCYK
Sampling time
tSAMP
24
tCYK
Zero scale error Note 1
4.5 V
≤ AVREF ≤ AVDD
±1.5
±2.5
LSB
3.4 V
≤ AVREF ≤ AVDD
±1.5
±4.5
LSB
Full scale error Note 1
4.5 V
≤ AVREF ≤ AVDD
±1.5
±2.5
LSB
3.4 V
≤ AVREF ≤ AVDD
±1.5
±4.5
LSB
Non-linear error Note 1
4.5 V
≤ AVREF ≤ AVDD
±1.5
±2.5
LSB
3.4 V
≤ AVREF ≤ AVDD
±1.5
±4.5
LSB
Analog input voltage Note 2
VIAN
–0.3
AVDD
V
Reference voltage
AVREF
3.4
AVDD
V
AVREF current
AIREF
1.0
3.0
mA
AVDD supply current
AIDD
2.0
6.0
mA
A/D converter data
AVDDR = 2.5 V
2.0
10
µA
retention current
AVDDR = 5 V
±10 %
10
50
µA
STOP mode
AIDDR
Notes
1. Quantization error excluded.
2. When –0.3 V
≤ VIAN ≤ 0 V, the conversion result becomes 000H.
When 0 V < VIAN < AVREF, the conversion is performed at a resolution of 10 bits.
When AVREF
≤ VIAN ≤ AVDD, the conversion result is 3FFH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com