Electronic Components Datasheet Search
  English  ▼

X  

DMB2227A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMB2227A
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMB2227A Datasheet(HTML) 1 Page - Diodes Incorporated

  DMB2227A Datasheet HTML 1Page - Diodes Incorporated DMB2227A Datasheet HTML 2Page - Diodes Incorporated DMB2227A Datasheet HTML 3Page - Diodes Incorporated DMB2227A Datasheet HTML 4Page - Diodes Incorporated DMB2227A Datasheet HTML 5Page - Diodes Incorporated DMB2227A Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMB2227A
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Complementary Pair
•
Epitaxial Planar Die Construction
•
One 2222A Type (NPN),
One 2907A Type (PNP)
•
Ideal for Low Power Amplification and Switching
•
Lead Free By Design/RoHS Compliant (Note 2)
•
"Green Device" (Note 3)
Mechanical Data
•
Case: SOT-26
•
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish - Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Ordering & Date Code Information: See Page 6
•
Marking Information: See Page 6
•
Weight: 0.006 grams (approximate)
SOT-26
Dim
Min
Max
Typ
A
0.35
0.50
0.38
B
1.50
1.70
1.60
C
2.70
3.00
2.80
D
–
–
0.95
F
–
–
0.55
H
2.90
3.10
3.00
J
0.013
0.10
0.05
K
1.00
1.30
1.10
L
0.35
0.55
0.40
M
0.10
0.20
0.15
α
0
°
8
°
–
All Dimensi
mm
ons in
A
M
J
L
D
F
B C
H
K
C
2
B
1
E
1
E
2
B
2
C
1
Note: E1, B1, and C1 = 2222A Type (NPN)
E2, B2, and C2 = 2907A Type (PNP)
Type marking indicates orientation
C
2
E
1
C
1
B
2
E
2
B
1
Maximum Ratings: 2222A Type (NPN) @TA = 25°C unless otherwise specified
Characteristic
Symbol
2222A (NPN)
Unit
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current - Continuous
IC
600
mA
Maximum Ratings: 2907A Type (PNP) @TA = 25°C unless otherwise specified
Characteristic
Symbol
2907A (PNP)
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-600
mA
Maximum Ratings: Total @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DS31217 Rev. 4 - 2
1 of 6
www.diodes.com
DMB2227A
© Diodes Incorporated


Similar Part No. - DMB2227A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMB2227A DIODES-DMB2227A Datasheet
239Kb / 6P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS31217 Rev. 4 - 2
DMB2227A-7 DIODES-DMB2227A-7 Datasheet
239Kb / 6P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS31217 Rev. 4 - 2
More results

Similar Description - DMB2227A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT2227 TRSYS-MMDT2227 Datasheet
323Kb / 3P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4413 TRSYS-MMDT4413 Datasheet
337Kb / 3P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT3946 DIODES-MMDT3946 Datasheet
73Kb / 5P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 4 - 2
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT4146 DIODES-MMDT4146_1 Datasheet
88Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30162 Rev. 9 - 2
MMDT4146 DIODES-MMDT4146_09 Datasheet
100Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2 January 2009
MMDT5451 DIODES-MMDT5451_2 Datasheet
204Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
logo
Unisonic Technologies
MMDT3946 UTC-MMDT3946 Datasheet
136Kb / 5P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BD2378 UTC-BD2378 Datasheet
96Kb / 4P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4146 DIODES-MMDT4146_15 Datasheet
100Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com