Electronic Components Datasheet Search
  English  ▼

X  

DMB2227A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMB2227A
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMB2227A Datasheet(HTML) 4 Page - Diodes Incorporated

  DMB2227A Datasheet HTML 1Page - Diodes Incorporated DMB2227A Datasheet HTML 2Page - Diodes Incorporated DMB2227A Datasheet HTML 3Page - Diodes Incorporated DMB2227A Datasheet HTML 4Page - Diodes Incorporated DMB2227A Datasheet HTML 5Page - Diodes Incorporated DMB2227A Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
I , COLLECTOR CURRENT (mA)
C
I , COLLECTOR CURRENT (mA)
C
I , COLLECTOR CURRENT (mA)
C
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Gain-Bandwidth Product
vs. Collector Current (2222A)
V
= 20V
f = 100MHz
CE
DS31217 Rev. 4 - 2
4 of 6
www.diodes.com
DMB2227A
© Diodes Incorporated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com