Electronic Components Datasheet Search
  English  ▼

X  

DMB2227A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMB2227A
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMB2227A Datasheet(HTML) 3 Page - Diodes Incorporated

  DMB2227A Datasheet HTML 1Page - Diodes Incorporated DMB2227A Datasheet HTML 2Page - Diodes Incorporated DMB2227A Datasheet HTML 3Page - Diodes Incorporated DMB2227A Datasheet HTML 4Page - Diodes Incorporated DMB2227A Datasheet HTML 5Page - Diodes Incorporated DMB2227A Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics: 2907A Type (PNP) @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-60
⎯
V
IC = -10μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-60
⎯
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
⎯
V
IE = -10μA, IC = 0
Collector Cutoff Current
ICBO
⎯
-10
nA
μA
VCB = -50V, IE = 0
VCB = -50V, IE = 0, TA = 125°C
Collector Cutoff Current
ICEX
⎯
-50
nA
VCE = -30V, VEB(OFF) = -0.5V
Base Cutoff Current
IBL
⎯
-50
nA
VCE = -30V, VEB(OFF) = -0.5V
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
75
100
100
100
50
⎯
⎯
⎯
300
⎯
⎯
IC = -100µA, VCE = -10V
IC = -1.0mA, VCE = -10V
IC = -10mA, VCE = -10V
IC = -150mA, VCE = -10V
IC = -500mA, VCE = -10V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-0.4
-1.6
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
-1.3
-2.6
V
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
8.0
pF
VCB = -10V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
—
30
pF
VEB = -2.0V, f = 1.0MHz, IC = 0
Current Gain-Bandwidth Product
fT
200
⎯
MHz
VCE = -20V, IC = -50mA, f = 100MHz
SWITCHING CHARACTERISTICS
Turn-On Time
ton
⎯
45
ns
Delay Time
td
⎯
10
ns
Rise Time
tr
⎯
40
ns
VCC = -30V, IC = -150mA,
IB1 = -15mA
Turn-Off Time
toff
⎯
100
ns
Storage Time
ts
⎯
80
ns
Fall Time
tf
⎯
30
ns
VCC = -6.0V, IC = -150mA,
IB1 = IB2 = -15mA
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs.
Ambient Temperature
A
150
200
250
300
350
400
0
DS31217 Rev. 4 - 2
3 of 6
www.diodes.com
DMB2227A
© Diodes Incorporated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com