Electronic Components Datasheet Search
  English  ▼

X  

MLN Datasheet(PDF) 3 Page - Littelfuse

Part # MLN
Description  Multiline Transient Voltage Surge Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MLN Datasheet(HTML) 3 Page - Littelfuse

  MLN Datasheet HTML 1Page - Littelfuse MLN Datasheet HTML 2Page - Littelfuse MLN Datasheet HTML 3Page - Littelfuse MLN Datasheet HTML 4Page - Littelfuse MLN Datasheet HTML 5Page - Littelfuse MLN Datasheet HTML 6Page - Littelfuse MLN Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Performance Curves Any Single Section
40
30
20
10
0
1
10
100
1000
NUMBER OF DISCHARGES
10,000
FIGURE 4. PRODUCT DISTRIBUTION OF CAPACITANCE (1MHz)
70
60
50
40
30
20
10
0
CAPACITANCE (pF)
70
60
50
40
30
35
45
55
65
Typical Performance Curves Any Single Section
FIGURE 5. V-I CHARACTERISTICS
FIGURE 6. PULSE RATING FOR LONG DURATION SURGES (ANY SINGLE SECTION)
90
80
70
60
50
40
30
20
10
0
1.0E-07
CURRENT (A)
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
MAXIMUM STANDBY CURRENT (LEAKAGE)
MAXIMUM CLAMPVOLTAGE
TYPICAL
1
2
10
100
103
104
105
106
∞
100
10
1
0.1
10
100
1000
10000
SQUARE WAVE PULSE DURATION (
µs)
NUMBER OF SURGES
MLN SurgeArray
™ Suppressor
Surface Mount Varistors
Multiline Transient Voltage Surge Suppressor
153
www .littelfuse .com
3
Next
Previous



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com