Electronic Components Datasheet Search
  English  ▼

X  

MLN Datasheet(PDF) 7 Page - Littelfuse

Part # MLN
Description  Multiline Transient Voltage Surge Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MLN Datasheet(HTML) 7 Page - Littelfuse

  MLN Datasheet HTML 1Page - Littelfuse MLN Datasheet HTML 2Page - Littelfuse MLN Datasheet HTML 3Page - Littelfuse MLN Datasheet HTML 4Page - Littelfuse MLN Datasheet HTML 5Page - Littelfuse MLN Datasheet HTML 6Page - Littelfuse MLN Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Ordering Information
VXXMLN TYPES
V
18
1206
PACKING OPTIONS
A: 2500 Piece Bulk Pack
H: 7in (178mm) Diameter Reel (Note)
T: 13in (330mm) Diameter Reel (Note)
NOTE: See Standard Shipping Quantities table.
DEVICE SIZE:
i.e., 120 mil x 60 mil
DEVICE FAMILY
TVSS Device
MAXIMUM DC
WORKING VOLTAGE
ML
N
SERIES DESIGNATOR
N: Array
W
T
END TERMINATION OPTION
W: Ag/Pd/Pt
MULTILAYER DESIGNATOR
4
NUMBER OF SECTIONS
Tape and Reel Specifications
• Conforms to EIA - 481, Revision A
• Can be Supplied to IEC Publication 286 - 3
SYMBOL
DESCRIPTION
MILLIMETERS
A0
Width of Cavity
Dependent on Chip Size to Minimize Rotation.
B0
Length of Cavity
Dependent on Chip Size to Minimize Rotation.
K0
Depth of Cavity
Dependent on Chip Size to Minimize Rotation.
W
Width of Tape
8
±0.2
F
Distance Between Drive Hole Centers and Cavity Centers
3.5
±0.5
E
Distance Between Drive Hole Centers and Tape Edge
1.75
±0.1
P1
Distance Between Cavity Center
4
±0.1
P2
Axial Distance Between Drive Hole Centers and Cavity Centers
2
±0.1
P0
Axial Distance Between Drive Hole Centers
4
±0.1
D0
Drive Hole Diameter
1.55
±0.05
D1
Diameter of Cavity Piercing
1.05
±0.05
t1
Embossed Tape Thickness
0.3 Max
t2
Top Tape Thickness
0.1 Max
NOTE: Dimensions in millimeters.
Standard Shipping Quantities
K0
t1
t2
D0
P0
D1
P1
A0
P2
B0
F
E
W
PLASTIC CARRIER TAPE
EMBOSSMENT
TOP TAPE
8mm
NOMINAL
PRODUCT
IDENTIFYING
LABEL
178mm
OR 330mm
DIA. REEL
DEVICE SIZE
“13” INCH REEL (“T”OPTION)
“7” INCH REEL (“H”OPTION)
BULK PACK (“A” OPTION)
1206
10,000
2,500
2,500
MLN SurgeArray
™ Suppressor
Surface Mount Varistors
Multiline Transient Voltage Surge Suppressor
157
www .littelfuse .com
3
Next
Previous



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com