Electronic Components Datasheet Search
  English  ▼

X  

MLN Datasheet(PDF) 1 Page - Littelfuse

Part # MLN
Description  Multiline Transient Voltage Surge Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MLN Datasheet(HTML) 1 Page - Littelfuse

  MLN Datasheet HTML 1Page - Littelfuse MLN Datasheet HTML 2Page - Littelfuse MLN Datasheet HTML 3Page - Littelfuse MLN Datasheet HTML 4Page - Littelfuse MLN Datasheet HTML 5Page - Littelfuse MLN Datasheet HTML 6Page - Littelfuse MLN Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3
Surface Mount Varistors
151
www .littelfuse .com
Multiline Transient Voltage Surge Suppressor
MLN SurgeArray
™ Suppressor
The MLN SurgeArray™ Suppressor is designed to help protect compo-
nents from transient voltages that exist at the circuit board level. This
device provides four independent suppressors in a single “1206” leadless
chip in order to reduce part count and placement time as well as save
space on printed circuit boards.
SurgeArray™ devices are intended to suppress ESD, EFT and other
transients in order to protect integrated circuits or other sensitive
components operating at any voltage up to 18VDC. SurgeArray devices
are rated to the IEC 61000-4-2 human body model ESD to help products
attain EMC compliance. The array offers excellent isolation and low
crosstalk between sections.
The inherent capacitance of the SurgeArray Suppressor permits it to
function as a filter/suppressor, thereby replacing separate zener/
capacitor combinations.
The MLN array is manufactured using the Littelfuse Multilayer technology
process and is similar to the Littelfuse ML and MLE Series of discrete
leadless chips.
The MLN can also be provided in a Dual version. Contact Littelfuse
for information.
Features
• Four Individual Devices in One 1206 Chip
• ESD Rated to IEC 61000-4-2 (Level 4)
• AC Characterized for Impedance and Capacitance
• Low Adjacent Channel Crosstalk, -55dB at 10MHz (Typ)
• Low Leakage (6nA at 5.5V, 30nA at 15V)
• Operating Voltage up to 18VM(DC)
• -55oC to 125oC Operating Temperature Range
• Low-Profile, PCMCIA Compatible
Applications
• Data, Diagnostic I/O Ports
• Analog Signal/Sensor Lines
• Portable/Hand-Held Products
• Mobile Communications/Cellular Phones
• Computer/DSP Products
• Industrial Instruments Including Medical
Next
Previous


Similar Part No. - MLN

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
MLN FERROXCUBE-MLN Datasheet
168Kb / 13P
Multilayer suppressors EMI-suppression products
2004 Sep 01
logo
LEMO Connectors
MLN.V04.GEZG LEMO-MLN.V04.GEZG Datasheet
73Kb / 2P
M - Rugged Ratchet coupling
logo
Ferroxcube Internationa...
MLN0603-060 FERROXCUBE-MLN0603-060 Datasheet
168Kb / 13P
Multilayer suppressors EMI-suppression products
2004 Sep 01
MLN0603-100 FERROXCUBE-MLN0603-100 Datasheet
168Kb / 13P
Multilayer suppressors EMI-suppression products
2004 Sep 01
MLN0603-121 FERROXCUBE-MLN0603-121 Datasheet
168Kb / 13P
Multilayer suppressors EMI-suppression products
2004 Sep 01
More results

Similar Description - MLN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
Multilayer Transient Voltage Surge Suppressor
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
Surface Mount Varistors - Transient Voltage Surge Suppressor
V18AUMLA1206 LITTELFUSE-V18AUMLA1206_06 Datasheet
1Mb / 9P
Multilayer Transient Voltage Surge Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
transient voltage surge suppressor (TVS)
26-Apr-2012
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
Transil, transient voltage surge suppressor (TVS)
14-Dec-2012
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
Transil?? transient voltage surge suppressor (TVS)
14-Dec-2012
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
Transil, transient voltage surge suppressor (TVS)
26-Apr-2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com