Electronic Components Datasheet Search
  English  ▼

X  

LTC3245 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3245
Description  Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3245 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3245 Datasheet HTML 10Page - Linear Technology LTC3245 Datasheet HTML 11Page - Linear Technology LTC3245 Datasheet HTML 12Page - Linear Technology LTC3245 Datasheet HTML 13Page - Linear Technology LTC3245 Datasheet HTML 14Page - Linear Technology LTC3245 Datasheet HTML 15Page - Linear Technology LTC3245 Datasheet HTML 16Page - Linear Technology LTC3245 Datasheet HTML 17Page - Linear Technology LTC3245 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC3245
14
3245fa
For more information www.linear.com/LTC3245
Typical applicaTions
Regulated 5V Low Noise Output
High Efficiency 3.3V Microcontroller Supply from 9V Alkaline
(with Power-On Reset Delay)
C+
C–
VIN
BURST
SEL2
SEL1
VOUT
OUTS/ADJ
PGOOD
GND
LTC3245
12V
LEAD ACID
BATTERY
VOUT = 5V
IVOUT UP TO 250mA
3245 TA02
1µF
1µF
10µF
100k
+
Wide Input Range Low Noise 3.6V Supply
C+
C–
VIN
SEL1
SEL2
BURST
VOUT
OUTS/ADJ
PGOOD
GND
LTC3245
9V
ALKALINE
BATTERY
VOUT = 3.3V
3245 TA03
VDD
POR
GND
1µF
1µF
MICROCONTROLLER
10µF
1µF
510k
+
C+
C–
VIN
BURST
SEL1
SEL2
VOUT
OUTS/ADJ
PGOOD
GND
LTC3245
VIN = 2.7V TO 38V
VOUT = 3.6V
3245 TA04
1µF
1µF
10µF
499k
249k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com