Electronic Components Datasheet Search
  English  ▼

X  

LTC3245 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3245
Description  Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3245 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3245 Datasheet HTML 10Page - Linear Technology LTC3245 Datasheet HTML 11Page - Linear Technology LTC3245 Datasheet HTML 12Page - Linear Technology LTC3245 Datasheet HTML 13Page - Linear Technology LTC3245 Datasheet HTML 14Page - Linear Technology LTC3245 Datasheet HTML 15Page - Linear Technology LTC3245 Datasheet HTML 16Page - Linear Technology LTC3245 Datasheet HTML 17Page - Linear Technology LTC3245 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC3245
18
3245fa
For more information www.linear.com/LTC3245
LINEAR TECHNOLOGY CORPORATION 2013
LT 0713 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3245
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC1751-3.3/
LTC1751-5
100mA, 800kHz Regulated Doubler
VIN: 2V to 5V, VOUT(MAX) = 3.3V/5V, IQ = 20μA, ISD < 2μA, MS8 Package
LTC1983-3/
LTC1983-5
100mA, 900kHz Regulated Inverter
VIN: 3.3V to 5.5V, VOUT(MAX) = –3V/–5V, IQ = 25μA, ISD < 2μA, ThinSOT™ Package
LTC3200-5
100mA, 2MHz Low Noise, Doubler/
White LED Driver
VIN: 2.7V to 4.5V, VOUT(MAX) = 5V, IQ = 3.5mA, ISD < 1μA, ThinSOT Package
LTC3202
125mA, 1.5MHz Low Noise, Fractional
White LED Driver
VIN: 2.7V to 4.5V, VOUT(MAX) = 5.5V, IQ = 2.5mA, ISD < 1μA, DFN, MS Packages
LTC3204-3.3/
LTC3204B-3.3/
LTC3204-5/
LTC3204B-5
Low Noise, Regulated Charge Pumps
in (2mm × 2mm) DFN Package
VIN: 1.8V to 4.5V (LTC3204B-3.3), 2.7V to 5.5V (LTC3204B-5), IQ = 48μA, B Version without
Burst Mode Operation, 6-Lead (2mm × 2mm) DFN Package
LTC3440
600mA (IOUT) 2MHz Synchronous
Buck-Boost DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 2.5V, IQ = 25μA, ISD ≤ 1μA, 10-Lead MS
Package
LTC3441
High Current Micropower 1MHz
Synchronous Buck-Boost DC/DC
Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 2.5V, IQ = 25μA, ISD ≤ 1μA, DFN Package
LTC3443
High Current Micropower 600kHz
Synchronous Buck-Boost DC/DC
Converter
96% Efficiency, VIN: 2.4V to 5.5V, VOUT(MIN) = 2.4V, IQ = 28μA, ISD < 1μA, DFN Package
LTC3240-3.3/
LTC3240-2.5
3.3V/2.5V Step-Up/Step-Down Charge
Pump DC/DC Converter
VIN: 1.8V to 5.5V, VOUT(MAX) = 3.3V / 2.5V, IQ = 65μA, ISD < 1μA, (2mm × 2mm) DFN Package
LTC3260
Low Noise Dual Supply Inverting
Charge Pump
VIN Range: 4.5V to 32V, IQ = 100µA, 100mA Charge Pump, 50mA Positive LDO, 50mA
Negative LDO
LTC3261
High Voltage Low IQ Inverting Charge
Pump
VIN Range: 4.5V to 32V, IQ = 60µA, 100mA Charge Pump
C+
C–
VIN
SEL2
BURST
SEL1
VOUT
OUTS/ADJ
PGOOD
GND
LTC3245
4 × AA
VOUT = 5V
IVOUT UP TO 250mA
3245 TA05
1µF
12V TO 24V
1µF
10µF
+
+
+
+
Wide VIN 5V Supply with Battery Backup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com